Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T1G164QE-HCE7000 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4T1G164QE-HCE7000
Description  1Gb E-die DDR2 SDRAM 60FBGA/84FBGA with Lead-Free & Halogen-Free (RoHS compliant)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G164QE-HCE7000 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4T1G164QE-HCE7000 Datasheet HTML 6Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 7Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 8Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 9Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 10Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 11Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 12Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 13Page - Samsung semiconductor K4T1G164QE-HCE7000 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
- 10 -
K4T1G164QE
datasheet
DDR2 SDRAM
Rev. 1.12
K4T1G084QE
K4T1G044QE
4. Input/Output Functional Description
BA0 - BA2
Input
Bank Address Inputs: BA0, BA1 and BA2 define to which bank an Active, Read, Write or Precharge command is
being applied. Bank address also determines if the mode register or extended mode register is to be accessed during
a MRS or EMRS cycle.
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are sampled on the crossing of the
positive edge of CK and negative edge of CK. Output (read) data is referenced to the crossings of CK and CK (both
directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and device input buffers and out-
put drivers. Taking CKE Low provides Precharge Power-Down and Self Refresh operation (all banks idle), or Active
Power-Down (row Active in any bank). CKE is synchronous for power down entry and exit, and for self refresh entry.
CKE is asynchronous for self refresh exit. After VREF has become stable during the power on and initialization
sequence, it must be maintained for proper operation of the CKE receiver. For proper self-refresh entry and exit, VREF
must be maintained to this input. CKE must be maintained high throughout read and write accesses. Input buffers,
excluding CK, CK, ODT and CKE are disabled during power-down. Input buffers, excluding CKE, are disabled during
self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for external Rank selection on sys-
tems with multiple Ranks. CS is considered part of the command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the DDR2 SDRAM. When
enabled, ODT is only applied to each DQ, DQS, DQS, RDQS, RDQS, and DM signal for x4/x8 configurations. For x16
configuration ODT is applied to each DQ, UDQS/UDQS, LDQS/LDQS, UDM, and LDM signal. The ODT pin will be
ignored if the Extended Mode Register (EMRS(1)) is programmed to disable ODT.
RAS, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled HIGH coinci-
dent with that input data during a Write access. DM is sampled on both edges of DQS. Although DM pins are input only,
the DM loading matches the DQ and DQS loading. For x8 device, the function of DM or RDQS/RDQS is enabled by
EMRS command.
A0 - A13
Input
Address Inputs: Provided the row address for Active commands and the column address and Auto Precharge bit for
Read/Write commands to select one location out of the memory array in the respective bank. A10 is sampled during a
Precharge command to determine whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If
only one bank is to be precharged, the bank is selected by BA0, BA1. The address inputs also provide the op-code dur-
ing Mode Register Set commands.
DQ
Input
/Output
Data Input/ Output: Bi-directional data bus.
DQS, (DQS)
(LDQS), (LDQS)
(UDQS), (UDQS)
(RDQS), (RDQS)
Input
/Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data, centered in write data. For the
x16, LDQS corresponds to the data on DQ0-DQ7; UDQS corresponds to the data on DQ8-DQ15. For the x8, an RDQS
option using DM pin can be enabled via the EMRS(1) to simplify read timing. The data strobes DQS, LDQS, UDQS,
and RDQS may be used in single ended mode or paired with optional complementary signals DQS, LDQS, UDQS, and
RDQS to provide differential pair signaling to the system during both reads and writes. An EMRS(1) control bit enables
or disables all complementary data strobe signals.
In this data sheet, "differential DQS signals" refers to any of the following with A10 = 0 of EMRS(1)
x4 DQS/DQS
x8 DQS/DQS
if EMRS(1)[A11] = 0
x8 DQS/DQS, RDQS/RDQS,
if EMRS(1)[A11] = 1
x16 LDQS/LDQS and UDQS/UDQS
"single-ended DQS signals" refers to any of the following with A10 = 1 of EMRS(1)
x4 DQS
x8 DQS if EMRS(1)[A11] = 0
x8 DQS, RDQS, if EMRS(1)[A11] = 1
x16 LDQS and UDQS
NC
No Connect: No internal electrical connection is present.
VDD / VDDQ
Supply
Power Supply: 1.8V +/- 0.1V, DQ Power Supply: 1.8V +/- 0.1V
VSS / VSSQ
Supply
Ground, DQ Ground
VDDL
Supply
DLL Power Supply: 1.8V +/- 0.1V
VSSDL
Supply
DLL Ground
VREF
Supply
Reference voltage


Similar Part No. - K4T1G164QE-HCE7000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G164QE-HCLE6 SAMSUNG-K4T1G164QE-HCLE6 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G164QE-HCLE7 SAMSUNG-K4T1G164QE-HCLE7 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G164QE-HCLF7 SAMSUNG-K4T1G164QE-HCLF7 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
More results

Similar Description - K4T1G164QE-HCE7000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G164QF-BCE6000 SAMSUNG-K4T1G164QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM 60FBGA/84FBGA with Lead-Free & Halogen-Free (RoHS compliant)
logo
Hynix Semiconductor
H5AN8G4NAFR-XXC HYNIX-H5AN8G4NAFR-XXC Datasheet
821Kb / 45P
   8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.2 / Jul.2017
H5TQ2G83GFR-XXC HYNIX-H5TQ2G83GFR-XXC Datasheet
535Kb / 34P
   2Gb DDR3 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.0 / June. 2015
H5TC4G83CFR-XXA HYNIX-H5TC4G83CFR-XXA Datasheet
472Kb / 33P
   4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.4/ Oct. 2015
H5AN4G4NAFR-XXC HYNIX-H5AN4G4NAFR-XXC Datasheet
725Kb / 45P
   4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.3 / Mar.2016
logo
Samsung semiconductor
K4B2G1646C-HCF8000 SAMSUNG-K4B2G1646C-HCF8000 Datasheet
1Mb / 64P
   2Gb C-die DDR3 SDRAM Only x16 96FBGA with Lead-Free & Halogen-Free (RoHS compliant)
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com