Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGH40N60UFTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SGH40N60UFTU
Description  SGH40N60UF 600 V PT IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH40N60UFTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  SGH40N60UFTU Datasheet HTML 1Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 2Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 3Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 4Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 5Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 6Page - Fairchild Semiconductor SGH40N60UFTU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
©2009 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
SGH40N60UF Rev. C0
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not
intended to be an exhaustive list of all such trademarks.
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY
PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY
THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE
EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used here in:
1.
Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body or (b) support or sustain life,
and (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury of the user.
2.
A critical component in any component of a life support, device, or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
2Cool™
AccuPower™
AX-CAP®*
BitSiC™
Build it Now™
CorePLUS™
CorePOWER™
CROSSVOLT™
CTL™
Current Transfer Logic™
DEUXPEED®
Dual Cool™
EcoSPARK®
EfficentMax™
ESBC™
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FETBench™
FPS™
F-PFS™
FRFET®
Global Power ResourceSM
Green Bridge™
Green FPS™
Green FPS™ e-Series™
Gmax™
GTO™
IntelliMAX™
ISOPLANAR™
Marking Small Speakers Sound Louder
and Better™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MicroPak2™
MillerDrive™
MotionMax™
mWSaver™
OptoHiT™
OPTOLOGIC®
OPTOPLANAR®
PowerTrench®
PowerXS™
Programmable Active Droop™
QFET®
QS™
Quiet Series™
RapidConfigure™
Saving our world, 1mW/W/kW at a time™
SignalWise™
SmartMax™
SMART START™
Solutions for Your Success™
SPM®
STEALTH™
SuperFET®
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SupreMOS®
SyncFET™
Sync-Lock™
®*
TinyBoost™
TinyBuck™
TinyCalc™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
TranSiC®
TriFault Detect™
TRUECURRENT®*
μSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
VisualMax™
VoltagePlus™
XS™
®
Datasheet Identification
Product Status
Definition
Advance Information
Formative / In Design
Datasheet contains the design specifications for product development. Specifications
may change in any manner without notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will be published at a later
date. Fairchild Semiconductor reserves the right to make changes at any time without
notice to improve design.
No Identification Needed
Full Production
Datasheet contains final specifications. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontinued by Fairchild
Semiconductor. The datasheet is for reference information only.
ANTI-COUNTERFEITING POLICY
Fairchild Semiconductor Corporation’s Anti-Counterfeiting Policy. Fairchild’s Anti-Counterfeiting Policy is also stated on our external website,
www.Fairchildsemi.com, under Sales Support.
Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their
parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed
application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the
proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild
Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild
Distributors are genuine parts, have full traceability, meet Fairchild’s quality standards for handing and storage and provide access to Fairchild’s full range of
up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and
warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is
committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.
Rev. I64
®


Similar Part No. - SGH40N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH40N60UF FAIRCHILD-SGH40N60UF Datasheet
547Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFD FAIRCHILD-SGH40N60UFD Datasheet
601Kb / 8P
   Ultra-Fast IGBT
SGH40N60UFD FAIRCHILD-SGH40N60UFD Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
More results

Similar Description - SGH40N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF23N60UFTU FAIRCHILD-SGF23N60UFTU Datasheet
277Kb / 7P
   600 V PT IGBT
logo
Vishay Siliconix
VS-GP250SA60S VISHAY-VS-GP250SA60S_V01 Datasheet
158Kb / 9P
   Insulated Gate Bipolar Transistor Trench PT IGBT, 600 V, 250 A
01-Jan-2022
VS-GP250SA60S VISHAY-VS-GP250SA60S Datasheet
272Kb / 9P
   Insulated Gate Bipolar Transistor Trench PT IGBT, 600 V, 250 A
Revision: 31-May-16
logo
PHOENIX CONTACT
1336507 PHOENIX-1336507 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-V-600-PT
Nov 16, 2022
logo
SemiHow Co.,Ltd.
HIA20N60BP SEMIHOW-HIA20N60BP Datasheet
664Kb / 7P
   600V PT IGBT
HIH20N60BP SEMIHOW-HIH20N60BP Datasheet
644Kb / 7P
   600V PT IGBT
HIA30N60BP SEMIHOW-HIA30N60BP Datasheet
663Kb / 7P
   600V PT IGBT
HIH30N60BP SEMIHOW-HIH30N60BP Datasheet
643Kb / 7P
   600V PT IGBT
logo
STMicroelectronics
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com