Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-3FL Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3VM-3FL
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-3FL Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3VM-3FL Datasheet HTML 1Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 2Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 3Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 4Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 5Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 6Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 7Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 8Page - Omron Electronics LLC G3VM-3FL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
26
MOS FET Relays
G3VM Series
Part Number Index and Ordering Information
Note: “G3VM” is not printed on the actual product.
The following tables show standard quantities of G3VM relays as shipped in tubes or tape-and-reel packaging. Dimensions for tape-and-reel parts
are shown in individual data sheets that follow.
Description
Packaging
Standard pack
quantity
Model
Page
no.
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-2
30
MOSFET SMT RELAY
Tube
50
G3VM-2F
50
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-2F(TR)
50
MOSFET SMT RELAY
Tube
50
G3VM-2FL
50
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-2FL(TR)
50
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-2L
30
MOSFET SOP RELAY
Tube
50
G3VM-21GR
70
MOSFET SOP RELAY
Tape-and-reel
2500
G3VM-21GR(TR)
70
MOSFET SOP RELAY
Tube
50
G3VM-21GR1
70
MOSFET SOP RELAY
Tape-and-reel
2500
G3VM-21GR1(TR)
70
MOSFET SSOP RELAY
Tape-and-reel
1500
G3VM-21LR
88
MOSFET SSOP RELAY
Tape-and-reel
1500
G3VM-21LR1
88
MOSFET SMT RELAY
Tube
50
G3VM-22FO
62
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-22FO(TR)
62
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-3
36
MOSFET SMT RELAY
Tube
50
G3VM-3F
56
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-3F(TR)
56
MOSFET SMT RELAY
Tube
50
G3VM-3FL
56
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-3FL(TR)
56
MSOFET THRU-HOLE RELAY
Tube
50
G3VM-3L
36
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-351A
30
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-351B
34
MOSFET SMT RELAY
Tube
50
G3VM-351D
50
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-351D(TR)
50
MOSFET SMT RELAY
Tube
50
G3VM-351E
54
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-351E(TR)
54
MOSFET SOP RELAY
Tube
50
G3VM-351G
70
MOSFET SOP RELAY
Tape-and-reel
2500
G3VM-351G(TR)
70
MOSFET SOP RELAY
Tube
50
G3VM-351H
78
MOSFETSOP RELAY
Tape-and-reel
2500
G3VM-351H(TR)
78
MOSFET THRU-HOLE RELAY
Tube
50
G3VM-352C
44
MOSFET SMT RELAY
Tube
50
G3VM-352F
66
MOSFET SMT RELAY
Tape-and-reel
1500
G3VM-352F(TR)
66
MOSFET SOP RELAY
Tube
50
G3VM-352J
82
MOSFET SOP RELAY
Tape-and-reel
2500
G3VM-352J(TR)
82
Lot No.
Model name


Similar Part No. - G3VM-3FL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-31BR OMRON-G3VM-31BR Datasheet
653Kb / 9P
   MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-31ER OMRON-G3VM-31ER Datasheet
653Kb / 9P
   MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-31ER-TR05 OMRON-G3VM-31ER-TR05 Datasheet
653Kb / 9P
   MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-31HR OMRON-G3VM-31HR Datasheet
1Mb / 6P
   MOS FET Relays SOP 6-pin, High-current and Low-ON-resistance Type
G3VM-31HR-TR05 OMRON-G3VM-31HR-TR05 Datasheet
1Mb / 6P
   MOS FET Relays SOP 6-pin, High-current and Low-ON-resistance Type
More results

Similar Description - G3VM-3FL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com