Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDGQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111AIDGQR
Description  Precision Voltage-to-Current Converter/Transmitter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTR111AIDGQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTR111AIDGQR Datasheet HTML 4Page - Texas Instruments XTR111AIDGQR Datasheet HTML 5Page - Texas Instruments XTR111AIDGQR Datasheet HTML 6Page - Texas Instruments XTR111AIDGQR Datasheet HTML 7Page - Texas Instruments XTR111AIDGQR Datasheet HTML 8Page - Texas Instruments XTR111AIDGQR Datasheet HTML 9Page - Texas Instruments XTR111AIDGQR Datasheet HTML 10Page - Texas Instruments XTR111AIDGQR Datasheet HTML 11Page - Texas Instruments XTR111AIDGQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
4
I
(mA)
OUT
20
0.0020
0.0015
0.0010
0.0005
0.000
-0.0005
-0.0010
-0.0015
-0.0020
8
12
16
0
5
10
15
20
I
(mA)
OUT
25
0.0020
0.0015
0.0010
0.0005
0.000
-0.0005
-0.0010
-0.0015
-0.0020
0
5
I
(mA)
OUT
40
0.010
0.008
0.006
0.004
0.002
0.000
-0.002
-0.004
-0.006
-0.008
-0.010
10
15
20
25
30
35
SevenTypicalUnitsShown
-75
-50
Temperature( C)
°
125
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
-25
0
25
50
75
100
V
=12V
VSP
0
5
OutputCurrent(mA)
40
3.0
2.5
2.0
1.5
1.0
0.5
0
10
15
20
25
30
35
-75
-50
Temperature( C)
°
125
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-25
0
20mA
10mA
4mA
25
50
75
100
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
TYPICAL NONLINEARITY
TYPICAL NONLINEARITY
(2pt Calibration at 4mA and 20mA)
(2pt Calibration at 0.1mA and 25mA)
Figure 13.
Figure 14.
TYPICAL NONLINEARITY
INPUT VOLTAGE RANGE LIMIT TO THE
(2pt Calibration at 0.1mA and 36mA)
POSITIVE SUPPLY vs TEMPERATURE
Figure 15.
Figure 16.
OUTPUT SWING OF THE VOLTAGE ON IS PIN (VIS)
OUTPUT SWING OF THE VOLTAGE ON IS PIN (VIS)
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 17.
Figure 18.
8
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - XTR111AIDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR111AIDGQR TI1-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQRG4 TI1-XTR111AIDGQRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDGQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com