Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-351A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-351A
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-351A Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-351A Datasheet HTML 1Page - Omron Electronics LLC G3VM-351A Datasheet HTML 2Page - Omron Electronics LLC G3VM-351A Datasheet HTML 3Page - Omron Electronics LLC G3VM-351A Datasheet HTML 4Page - Omron Electronics LLC G3VM-351A Datasheet HTML 5Page - Omron Electronics LLC G3VM-351A Datasheet HTML 6Page - Omron Electronics LLC G3VM-351A Datasheet HTML 7Page - Omron Electronics LLC G3VM-351A Datasheet HTML 8Page - Omron Electronics LLC G3VM-351A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
24
MOS FET Relays
G3VM Series
Selection Guide
Load
voltage
Contact
form
Package/
Terminal
shape
No. of
terminals
Model
Load
current
(mA)
Voltage
withstand
(VAC)
ON
resistance
(max.)
Output
capacitance
Additional
features
Page no.
20V
1 Form A SMT
8
G3VM-22FO
150
2,500
4
8 pF (typ.)
Low ON
resistance
62
SOP
4
G3VM-21GR
160
1,500
8
2.5 pF (max.)
Low pF•
70
G3VM-21GR1
300
1,500
1.5
12 pF (max.)
Low pF•
70
SSOP
4
G3VM-21LR
150
1,500
8
12 pF (max.)
88
G3VM-21LR1
300
1,500
1.5
12 pF (max.)
Low pF•
88
40V
1 Form A SOP
4
G3VM-41GR3
80
1,500
37
1.4 pF (max.)
72
G3VM-41GR4
250
1,500
3
7 pF (max.)
Low pF•
74
G3VM-41GR5
300
1,500
1.5
14 pF (max.)
Low pF•
74
G3VM-41GR6
120
1,500
15
2 pF (max.)
Low pF•
74
SSOP
4
G3VM-41LR3
80
1,500
35
1.4 pF (max.)
88
G3VM-41LR4
250
1,500
3
7 pF (max.)
Low pF•
90
G3VM-41LR5
300
1,500
1.5
14 pF (max.)
Low pF•
90
G3VM-41LR6
120
1,500
15
2 pF (max.)
Low pF•
90
60V
1 Form A Thru-hole
4
G3VM-61A
500
2,500
2
140 pF (max.)
Low ON
resistance
32
G3VM-61A1
500
2,500
2
130 pF (typ.)
Low ON
resistance
34
6
G3VM-61B
500
2,500
2
140 pF (max.)
Low ON
resistance
38
G3VM-61B1
500
2,500
2
130 pF (typ.)
Low ON
resistance
40
G3VM-V
300
2,500
2
170 pF (typ.)
Low ON
resistance
40
8
G3VM-61CP
500
2,500
0.6
500 pF (max.)
Low ON
resistance
42
G3VM-61CR
2000
1,500
0.12
1400 pF (max.) Low ON
resistance
44
SMT
4
G3VM-61D
500
2,500
2
140 pF (max.)
Low ON
resistance
52
G3VM-61D1
500
2,500
2
130 pF (typ.)
Low ON
resistance
54
6
G3VM-61E
500
2,500
2
140 pF (max.)
Low ON
resistance
58
G3VM-61E1
500
2,500
2
130 pF (typ.)
Low ON
resistance
60
60 V
1 Form A SMT
6
G3VM-VF
300
2,500
2
170 pF (typ.)
Low ON
resistance
60
8
G3VM-61FP
500
2,500
0.6
500 pF (max.)
Low ON
resistance
64
G3VM-61FR
2000
1,500
0.12
1400 pF (max.) Low ON
resistance
64
SOP
4
G3VM-61G1
400
1,500
2
130 pF (typ.)
Low ON
resistance
76
G3VM-S1
400
1,500
2
140 pF (max.)
Low ON
resistance
76
6
G3VM-61H1
400
1,500
2
130 pF (typ.)
Low ON
resistance
80
2 Form A Thru-hole
8
G3VM-62C1
500
2,500
2
130 pF (typ.)
Low ON
resistance
46
SMT
8
G3VM-62F1
500
2,500
2
130 pF (typ.)
Low ON
resistance
66
SOP
8
G3VM-62J1
400
1,500
2
130 pF (typ.)
Low ON
resistance
84
G3VM-SY
300
1,500
2
140 pF (max.)
Low ON
resistance
86
80 V
1 Form A SOP
4
G3VM-81G1
350
1,500
1.2
40 pF (max.)
Low ON
resistance
76
6
G3VM-81HR
1250
1,500
0.15
1000 pF (max.) Low ON
resistance
80
200 V
1 Form A SOP
4
G3VM-S5
150
1,500
8
100 pF (typ.)
78


Similar Part No. - G3VM-351A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-351A OMRON-G3VM-351A Datasheet
399Kb / 6P
   MOS FET Relays
G3VM-351A OMRON-G3VM-351A Datasheet
321Kb / 4P
   MOS FET Relays
G3VM-351A OMRON-G3VM-351A Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-351AY OMRON-G3VM-351AY Datasheet
283Kb / 8P
   Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
G3VM-351AY1 OMRON-G3VM-351AY1 Datasheet
283Kb / 8P
   Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
More results

Similar Description - G3VM-351A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com