Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5618QPTR Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5618QPTR
Description  18-Line SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5618QPTR Datasheet(HTML) 5 Page - Texas Instruments

  UCC5618QPTR Datasheet HTML 1Page - Texas Instruments UCC5618QPTR Datasheet HTML 2Page - Texas Instruments UCC5618QPTR Datasheet HTML 3Page - Texas Instruments UCC5618QPTR Datasheet HTML 4Page - Texas Instruments UCC5618QPTR Datasheet HTML 5Page - Texas Instruments UCC5618QPTR Datasheet HTML 6Page - Texas Instruments UCC5618QPTR Datasheet HTML 7Page - Texas Instruments UCC5618QPTR Datasheet HTML 8Page - Texas Instruments UCC5618QPTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UCC5618DWP
ACTIVE
SOIC
DW
28
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618DWP
UCC5618DWPG4
ACTIVE
SOIC
DW
28
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618DWP
UCC5618DWPTR
ACTIVE
SOIC
DW
28
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618DWP
UCC5618DWPTRG4
ACTIVE
SOIC
DW
28
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618DWP
UCC5618PWP
ACTIVE
TSSOP
PW
28
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618PWP
UCC5618PWPG4
ACTIVE
TSSOP
PW
28
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618PWP
UCC5618PWPTR
ACTIVE
TSSOP
PW
28
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618PWP
UCC5618PWPTRG4
ACTIVE
TSSOP
PW
28
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5618PWP
UCC5618QP
ACTIVE
PLCC
FN
28
37
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 70
UCC5618QP
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - UCC5618QPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5618QP TI1-UCC5618QP Datasheet
748Kb / 9P
[Old version datasheet]   18-Line SCSI Terminator
More results

Similar Description - UCC5618QPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5618DWP TI1-UCC5618DWP Datasheet
748Kb / 9P
[Old version datasheet]   18-Line SCSI Terminator
UCC5618 TI-UCC5618 Datasheet
235Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
logo
Microsemi Corporation
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
   18-LINE, 關 POWER SCSI TERMINATOR
logo
Texas Instruments
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator Reverse Disconnect
logo
Micro Linear Corporatio...
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
   18 Line Hot-Insertable Active SCSI Terminator
logo
Texas Instruments
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5608 TI-UC5608 Datasheet
230Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com