Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2909 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC2909
Description  Switchmode Lead-Acid Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2909 Datasheet(HTML) 1 Page - Texas Instruments

  UC2909 Datasheet HTML 1Page - Texas Instruments UC2909 Datasheet HTML 2Page - Texas Instruments UC2909 Datasheet HTML 3Page - Texas Instruments UC2909 Datasheet HTML 4Page - Texas Instruments UC2909 Datasheet HTML 5Page - Texas Instruments UC2909 Datasheet HTML 6Page - Texas Instruments UC2909 Datasheet HTML 7Page - Texas Instruments UC2909 Datasheet HTML 8Page - Texas Instruments UC2909 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UC2909
UC3909
DESCRIPTION
The UC3909 family of Switchmode Lead-Acid Battery Chargers accurately
controls lead acid battery charging with a highly efficient average current
mode control loop. This chip combines charge state logic with average cur-
rent PWM control circuitry. Charge state logic commands current or voltage
control depending on the charge state.
The chip includes undervoltage
lockout circuitry to insure sufficient supply voltage is present before output
switching starts. Additional circuit blocks include a differential current sense
amplifier, a 1.5% voltage reference, a –3.9mV/°C thermistor linearization
circuit, voltage and current error amplifiers, a PWM oscillator, a PWM com-
parator, a PWM latch, charge state decode bits, and a 100mA open collec-
tor output driver.
Switchmode Lead-Acid Battery Charger
FEATURES
• Accurate and Efficient Control of
Battery Charging
• Average Current Mode Control from
Trickle to Overcharge
• Resistor Programmable Charge
Currents
• Thermistor Interface Tracks Battery
Requirements Over Temperature
• Output Status Bits Report on Four
Internal Charge States
• Undervoltage Lockout Monitors VCC
and VREF
1/99
BLOCK DIAGRAM
UDG-95007-1
Pin numbers refer to J, N, DW packages.


Similar Part No. - UC2909

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2909 TI-UC2909 Datasheet
401Kb / 10P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
More results

Similar Description - UC2909

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909 TI-UC2909 Datasheet
401Kb / 10P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com