Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1848 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1848
Description  Average Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1848 Datasheet(HTML) 4 Page - Texas Instruments

  UC1848 Datasheet HTML 1Page - Texas Instruments UC1848 Datasheet HTML 2Page - Texas Instruments UC1848 Datasheet HTML 3Page - Texas Instruments UC1848 Datasheet HTML 4Page - Texas Instruments UC1848 Datasheet HTML 5Page - Texas Instruments UC1848 Datasheet HTML 6Page - Texas Instruments UC1848 Datasheet HTML 7Page - Texas Instruments UC1848 Datasheet HTML 8Page - Texas Instruments UC1848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
UC1848
UC2848
UC3848
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, all specifications are over the junction temperature range
of
−55°C to +125°C for the UC1848, −40°C to +85°C for the UC2848, and 0°C to +70°C for the UC3848. Test conditions are: VCC
= 12V, CT = 400pF, CI = 100pF, IOFF = 100
µA, CDC = 100nF, Cvs = 100pF, and Ivs = 400µA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UV Comparator
Turn-on Threshold
4.1
4.35
4.6
V
RHYSTERESIS
Vuv = 4.2V
77
90
103
k
Reference
VREF
TA = 25°C
4.95
5
5.05
V
0
< IO < 10mA, 12 < VCC < 20
4.93
5.07
V
Line Regulation
12 < VCC < 20V
4
15
mV
Load Regulation
0 < IO < 10mA
3
15
mV
Short Circuit Current
VREF = 0V
30
50
70
mA
Output Stage
Rise & Fall Time (Note 1)
Cl = 1nF
20
45
ns
Output Low Saturation
IO = 20mA
0.25
0.4
V
IO = 200mA
1.2
2.2
V
Output High Saturation
IO = -200mA
2.0
3.0
V
UVLO Output Low Saturation
IO = 20mA
0.8
1.2
V
ICC
ISTART
VCC = 12V
0.2
0.4
mA
ICC (pre-start)
VCC = 15V, V(UV) = 0
0.5
1
mA
ICC (run)
22
26
mA
Under Voltage Lockout
The Under Voltage Lockout block diagram is shown in
Fig 1. The VCC comparator monitors chip supply voltage.
Hysteretic thresholds are set at 13V and 10V to facilitate
off-line applications. If the VCC comparator is low, ICC is
low (<500
µA) and the output is low.
The UV comparator monitors input line voltage (VIN). A
pair of resistors divides the input line to UV. Hysteretic in-
put line thresholds are programmed by Rv1 and Rv2. The
thresholds are
VIN(on) = 4.35V • (1 + Rv1/Rv2′) and
VIN(off) = 4.35V • (1 + Rv1/Rv2) where
Rv2
′= Rv2||90k.
The resulting hysteresis is
VIN(hys) = 4.35V • Rv1 / 90k.
When the UV comparator is low, ICC is low (500µA) and
the output is low.
When both the UV and VCC comparators are high, the
internal bias circuitry for the rest of the chip is activated.
The CDC pin (see discussion on Maximum Duty Cycle
Control and Soft Start) and the Output are held low until
VREF exceeds the 4.5V threshold of the VREF compara-
tor. When VREF is good, control of the output driver is
transferred to the PWM circuitry and CDC is allowed to
charge.
If any of the three UVLO comparators go low, the UVLO
latch is set, the output is held low, and CDC is dis-
charged. This state will be maintained until all three com-
parators are high and the CDC pin is fully discharged.
APPLICATION INFORMATION


Similar Part No. - UC1848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848J TI1-UC1848J Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Similar Description - UC1848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com