Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3L110QE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3L110QE
Description  3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L110QE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3L110QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8690E
03/23/07
PI3L110
3.3V Quad, 2:1 Mux/DeMux
Fast Ethernet LAN Switch w/ Single Enable
Pin Description
Pin Name
Description
IAN-IDN
Data Inputs
S
Select Inputs
E
Enable
YA-YD
Data Outputs
GND
Ground
VCC
Power
Storage Temperature ..................................................... –65°C to +150°C
Supply Voltage to Ground Potential
......................... –0.5V to +4.0V
DC Input Voltage ............................................................. –0.5V to +5.5V
DC Output Current........................................................................ 120mA
Power Dissipation ............................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Truth Table(1)
E
S
YA
YB
YC
YD
Function
H
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Disable
LL
IA0IB0IC0ID0
S = 0
LH
IA1IB1IC1ID1
S = 1
Note:
1. H = High Voltage Level
L = Low Voltage Level
X = Don't Care
DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2.0
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±5
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±5
μA
IOFF
Current while I/O disabled
VCC = 0, VO = 0 to 5V
1
μA
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
4.0
8.0
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.25V and VCC,
IIN = –10mA to –30mA
1
∆RON
On-Resistance match from
center ports to any other port(4)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
0.9
2.0
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between IN and YN pins at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (IN & YN) pins.
4.
This parameter is determined by device characterization but is not production tested.
07-0076


Similar Part No. - PI3L110QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110QE PERICOM-PI3L110QE Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110QE PERICOM-PI3L110QE Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3L110QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com