Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2-DC12 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R-2-DC12
Description  Power PCB Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2-DC12 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R-2-DC12 Datasheet HTML 1Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 2Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 3Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 4Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 5Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 6Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 7Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 8Page - Omron Electronics LLC G2R-2-DC12 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
212
Power PCB Relay
G2R
Latching dual coil type - Set coil
Latching dual coil type - Reset coil
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
° C (73° F) with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
° C (73° F).
■ Characteristics
Note: Data shown are of initial value.
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
227
10.80
0.026
0.052
70% max.
70% max.
110% max.
at 70
° C
(158
° F)
Approx. 850
5
167
30
0.073
0.146
6
138
43.50
0.104
0.208
12
70.60
170
0.42
0.83
24
34.60
694
1.74
3.43
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
200
15
0.001
0.002
70% max.
70% max.
110% max.
at 70
° C
(158
° F)
Approx. 600
5
119
42
0.003
0.006
6
100
60
0.005
0.009
12
50
240
0.018
0.036
24
25
960
0.079
0.148
Item
Non-latching
Latching
Contact resistance
100 m
Ω
Operate (set) time
15 ms. max.
20 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max.
20 ms max.
Bounce time
Operate
---
Mean value approx. 3 ms
Release
---
Mean value approx. 8 ms
Operating frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 minute between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute across contacts of same pole
3,000 VAC, 50/60 Hz for 1 minute between contact sets, 2-pole non-latching
1,000 VAC, 50/60 Hz for 1 minute between set and reset coils of dual coil latching
Vibration
Mechanical durability
10 to 55 Hz; 1.50 mm (0.06) double amplitude
Malfunction durability
10 to 55 Hz; 1.50 mm (0.06) double amplitude
Shock
Mechanical durability
1,000 m/s2 (approx. 100G)
Malfunction durability
200 m/s2 (approx. 20 G) when energized
100 m/s2 (approx. 10 G) when de-energized
500 m/s2 (approx. 50 G) at set (1-pole)
200 m/s2 (approx 20G) at set (2-pole)
100 m/s2 (approx. 10 G) at reset
Ambient temperature
-40 to 70
° C (-40 to 158° F)
Humidity
5% to 85% RH
Service life
Mechanical
10,000,000 operations min.
DC: 20,000,000 operations min.
(at 18,000 operations/hour)
10,000,000 operations min.
(at 18,000 operations/hour)
Electrical
100,000 operations min. (at 1,800 operations /hr) at rated load. See “Characteristics Data”
Weight
Approx. 17 g (0.60 oz.)
Approx. 17 g.
(Approx 20g for quick-connect type)


Similar Part No. - G2R-2-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2-H OMRON-G2R-2-H Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com