Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V300C24M150BL Datasheet(PDF) 7 Page - Vicor Corporation

Part # V300C24M150BL
Description  Parallelable, with NM fault tolerance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C24M150BL Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V300C24M150BL Datasheet HTML 3Page - Vicor Corporation V300C24M150BL Datasheet HTML 4Page - Vicor Corporation V300C24M150BL Datasheet HTML 5Page - Vicor Corporation V300C24M150BL Datasheet HTML 6Page - Vicor Corporation V300C24M150BL Datasheet HTML 7Page - Vicor Corporation V300C24M150BL Datasheet HTML 8Page - Vicor Corporation V300C24M150BL Datasheet HTML 9Page - Vicor Corporation V300C24M150BL Datasheet HTML 10Page - Vicor Corporation V300C24M150BL Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
300V Micro Family
Rev 9.0
vicorpower.com
Page 7 of 13
4/2013
800 735.6200
300V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82.5
85.6
%
Nominal input; full load; 25°C
Ripple and noise
99
124
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
4
6.2
Watts
No load
Load regulation
±0
±0.2
%
No load to full load; nominal input
Load current
0
2.08
Amps
Current limit
2.12
2.39
2.81
Amps
Output voltage 95% of nominal
Short circuit current
1.45
2.39
2.81
Amps
Output voltage <250 mV
36 Vout, 75 W (e.g. V300C36C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.5
88.2
%
Nominal input; full load; 25°C
Ripple and noise
55
69
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.5
6.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
3.13
Amps
Current limit
3.19
3.6
4.22
Amps
Output voltage 95% of nominal
Short circuit current
2.19
3.6
4.22
Amps
Output voltage < 250 mV
48 Vout, 150 W (e.g. V300C48C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83
86
%
Nominal input; full load; 25°C
Ripple and noise
400
500
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.2
4.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.56
Amps
Current limit
1.59
1.79
2.11
Amps
Output voltage 95% of nominal
Short circuit current
1.09
1.79
2.11
Amps
Output voltage <250 mV
48 Vout, 75 W (e.g. V300C48C75BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)


Similar Part No. - V300C24M150BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C24M150B VICOR-V300C24M150B Datasheet
142Kb / 8P
   300Vin / 24Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V300C24M150BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
375V VICOR-375V Datasheet
599Kb / 14P
   Parallelable, with NM fault tolerance
logo
WALSIN TECHNOLOGY CORPO...
UF15NR05P250CT WALSIN-UF15NR05P250CT Datasheet
2Mb / 8P
   Microwave MLCC with Narrow-Tolerance
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Connor-Winfield Corpora...
H55R CONNOR-WINFIELD-H55R Datasheet
62Kb / 1P
   TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
H56 CONNOR-WINFIELD-H56 Datasheet
59Kb / 1P
   TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com