Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA86N20T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTA86N20T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA86N20T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTA86N20T Datasheet HTML 1Page - IXYS Corporation IXTA86N20T Datasheet HTML 2Page - IXYS Corporation IXTA86N20T Datasheet HTML 3Page - IXYS Corporation IXTA86N20T Datasheet HTML 4Page - IXYS Corporation IXTA86N20T Datasheet HTML 5Page - IXYS Corporation IXTA86N20T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2006 IXYS All rights reserved
Fig. 14. Resistiv e Turn-on
Rise Time v s. Drain Current
9
11
13
15
17
19
21
23
25
27
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
ID - Amperes
RG = 3.3Ω
VGS = 15V
VDS = 100V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistiv e Turn-on
Switching Times v s. Gate Resistance
10
12
14
16
18
20
22
24
26
28
30
32
34
5
6
78
9
10
11
12
13
14
15
RG - Ohms
18
19
20
21
22
23
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 100V
I D = 86A
I D = 43A
Fig. 16. Resistiv e Turn-off
Switching Times v s. Junction Temperature
14
16
18
20
22
24
26
28
30
32
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
48
50
52
54
56
58
60
62
64
66
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 100V
I D = 43A
I D = 86A
Fig. 17. Resistiv e Turn-off
Switching Times v s. Drain Current
12
14
16
18
20
22
24
26
28
30
32
34
20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
ID - Amperes
46
48
50
52
54
56
58
60
62
64
66
68
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 100V
TJ = 125ºC
TJ = 25ºC
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistiv e Turn-on
Rise Time v s. Junction Temperature
10
12
14
16
18
20
22
24
26
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3Ω
VGS = 15V
VDS = 100V
I D = 86A
I D = 43A
Fig. 18. Resistiv e Turn-off
Switching Times v s. Gate Resistance
10
15
20
25
30
35
40
45
50
55
60
65
70
3
4
5
6
7
8
9
10
111213
1415
RG - Ohms
50
60
70
80
90
100
110
120
130
140
150
160
170
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 100V
I D = 43A, 86A
IXTA 86N20T
IXTP 86N20T
IXTQ 86N20T
IXYS REF: T_86N20T (6E) 6-30-06


Similar Part No. - IXTA86N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA80N075L2 IXYS-IXTA80N075L2 Datasheet
174Kb / 6P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
logo
Inchange Semiconductor ...
IXTA80N075L2 ISC-IXTA80N075L2 Datasheet
231Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA80N10T IXYS-IXTA80N10T Datasheet
190Kb / 5P
   TrenchMVTM Power MOSFET
logo
Inchange Semiconductor ...
IXTA80N10T ISC-IXTA80N10T Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA80N10T7 IXYS-IXTA80N10T7 Datasheet
169Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTA86N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA102N15T IXYS-IXTA102N15T Datasheet
239Kb / 7P
   Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
   TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA4N80P IXYS-IXTA4N80P Datasheet
178Kb / 4P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH130N10T IXYS-IXTH130N10T Datasheet
145Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com