Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA86N20T Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA86N20T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA86N20T Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA86N20T Datasheet HTML 1Page - IXYS Corporation IXTA86N20T Datasheet HTML 2Page - IXYS Corporation IXTA86N20T Datasheet HTML 3Page - IXYS Corporation IXTA86N20T Datasheet HTML 4Page - IXYS Corporation IXTA86N20T Datasheet HTML 5Page - IXYS Corporation IXTA86N20T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 86N20T
IXTP 86N20T
IXTQ 86N20T
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
160
3.54
4.555.5
6
6.5
7
VGS - Volts
TJ = -40ºC
25ºC
125ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
110
120
0
20
40
60
80
100
120
140
160
180
200
ID - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
30
60
90
120
150
180
210
240
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
10
2030
4050
6070
8090
QG - NanoCoulombs
VDS = 100V
I D = 25A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Maximum Transient Thermal
Resistance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse W idth - Seconds


Similar Part No. - IXTA86N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA80N075L2 IXYS-IXTA80N075L2 Datasheet
174Kb / 6P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
logo
Inchange Semiconductor ...
IXTA80N075L2 ISC-IXTA80N075L2 Datasheet
231Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA80N10T IXYS-IXTA80N10T Datasheet
190Kb / 5P
   TrenchMVTM Power MOSFET
logo
Inchange Semiconductor ...
IXTA80N10T ISC-IXTA80N10T Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA80N10T7 IXYS-IXTA80N10T7 Datasheet
169Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTA86N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA102N15T IXYS-IXTA102N15T Datasheet
239Kb / 7P
   Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
   TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA4N80P IXYS-IXTA4N80P Datasheet
178Kb / 4P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH130N10T IXYS-IXTH130N10T Datasheet
145Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com