Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3945ETE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3945ETE+
Description  1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3945ETE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3945ETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3945ETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 ______________________________________________________________________________________
1.0625Gbps to 11.3Gbps,
SFP+ Dual-Path Limiting Amplifier
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC.......................................................................-0.3V to +4.0V
Voltage Range at SDA, SCL, CSEL,
LOS, CAZ, RPMIN................................. -0.3V to (VCC + 0.3V)
Voltage Range at ROUT+, ROUT- ........(VCC - 2V) to (VCC + 0.3V)
Voltage Range at RIN+, RIN-........ (VCC - 1.7V) to (VCC + 0.3V)
Current Range Into LOS...................................... -1mA to +5mA
Current Range Into SDA ..................................... -1mA to +1mA
Current Out of ROUT+, ROUT- ..........................................40mA
Continuous Power Dissipation (TA = +70NC)
16-Pin TQFN (derate 14.7mW/NC above +70NC).........1.176W
Operating Junction Temperature Range ......... -55NC to +150NC
Storage Temperature Range............................ -65NC to +160NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VCC = 2.85V to 3.63V, CML receiver output is AC-coupled to differential 100I load, CCAZ = 0.1FF, TA = -40NC to +85NC. Registers
are set to default values, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Current
ICC
Includes the CML output current,
VDIFF_ROUT = 400mVP-P, RXDE_EN = 0,
LOS1_EN = 1, LOS2_EN = 0
46.6
62
mA
Includes the CML output current,
VDIFF_ROUT = 400mVP-P, RXDE_EN = 0,
LOS1_EN = 0, LOS2_EN = 1
39.4
52.5
Power-Supply Voltage
VCC
2.85
3.63
V
Power-Supply Noise
f < 10MHz
100
mVP-P
10MHz < f < 20MHz
10
GENERAL
Input Data Rate
1.06
10.32
11.3
Gbps
Input/Output SNR
14.1
BER
10E-12
POWER-ON RESET (POR)
POR Deassert Threshold
2.55
2.75
V
POR Assert Threshold
2.3
2.45
V
INPUT SPECIFICATIONS
Differential Input Resistance
RIN+/RIN-
RIN_DIFF
75
100
125
I
Input Sensitivity
(Note 1)
VINMIN
RATE_SEL = 1, input transition time 25ps,
10.32Gbps, PRBS23-1 pattern
4
8
mVP-P
RATE_SEL = 0, input transition time 260ps,
1.25Gbps, K28.5 pattern
1
2
Input Overload
VINMAX
1.2
VP-P
Input Return Loss
SDD11
DUT is powered on, f P 5GHz
10
dB
DUT is powered on, f P 16GHz
7
SCC11
DUT is powered on, 1GHz < f P 5GHz
13
dB
DUT is powered on, 1GHz < f P 16GHz
5
RPMIN Input-Current High
IIH
LOS1_EN = 0 and LOS2_EN = 1,
VRPMIN = 2V
50
nA


Similar Part No. - MAX3945ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
More results

Similar Description - MAX3945ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3969 MAXIM-MAX3969 Datasheet
724Kb / 11P
   200Mbps SFP Limiting Amplifier
Rev 0; 4/04
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Source Photonics, Inc.
SP-GB-LX-XDFN SOURCE-SP-GB-LX-XDFN Datasheet
293Kb / 9P
   Dual data-rate 1.25Gbps/1.0625Gbps
logo
Renesas Technology Corp
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
   Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
   Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com