Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A412ZHE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A412ZHE
Description  Small Plastic Package, Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZHE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A412ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-04-0014
PT0348-2
05/10/13
3
PI3A412
Small Plastic Package, Quad SPDT Analog Switch
Maximum Ratings
Storage Temperature………………………………….. -65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VDD………………………………………-0.5Vto +4.6V
Control Input Voltage VINx………………………………….0Vto +4.6V
DC Input Voltage VINPUT…………………………………-0.5Vto +4.6V
Continuous Current NO_NC_COM_…………………………±400mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ………………………….. ±500mA
ESD (HBM) ………………………………………………….. 4kV
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
1.8
-
4.2
V
VIN
Control Input Voltage
-
0
-
VCC
V
VINPUT
Switch Input Voltage
-
-0.3
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
-
0
-
10
ns/V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
The input and output negative voltage ratings may
be exceeded if the input and output diode current
ratings are observed.
Control input must be held HIGH or LOW; it must
not float.


Similar Part No. - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A412ZHE PERICOM-PI3A412ZHE Datasheet
738Kb / 11P
   0.4ohm, 3.3V, Quad SPDT Analog Switch
More results

Similar Description - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com