Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3805DQEX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805DQEX
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805DQEX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI49FCT3805DQEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805DQEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8492D
11/13/08
PI49FCT3805D/E
3.3V, 2 x 1:5 CMOS Clock Driver
Ordering Information
Ordering Code
Package Code
Package Description
PI49FCT3805DHE
H
Pb-free & Green, 20-pin 209-mil SSOP
PI49FCT3805DQ
Q
20-pin 150-mil QSOP
PI49FCT3805DQE
Q
Pb-free & Green, 20-pin 150-mil QSOP
PI49FCT3805DSE
S
Pb-free & Green, 20-pin 300-mil SOIC
PI49FCT3805EH
H
20-pin 209-mil SSOP
PI49FCT3805EH
H
20-pin 209-mil SSOP
PI49FCT3805EQ
Q
20-pin 150-mil QSOP
PI49FCT3805EQ
Q
20-pin 150-mil QSOP
PI49FCT3805EL
L
20-pin 173-mil TSSOP
PI49FCT3805EL
L
20-pin 173-mil TSSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. Number of Transistors = TBD
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 20-Pin 173-mil wide TSSOP (L)
DESCRIPTION: 20-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1311
REVISION: E
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.238
.269
1
20
.169
.177
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
Note:
1.
Package Outline Exclusive of Mold Flash and Metal Burr
2.
Controlling dimentions in millimeters
3.
Ref: JEDEC MO-153F/AC
08-0298


Similar Part No. - PI49FCT3805DQEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805DQE PERICOM-PI49FCT3805DQE Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805DQEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com