Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C182BHEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C182BHEX
Description  Precision 1-10 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182BHEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C182BHEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182BHEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI6C182B
Precision 1-10 Clock Buffer
4
PS8465C
09/07/05
SDRAM Clock Buffer Operating Specification
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IOHMIN
Pull-up current
VOUT = 2.0V
-54
mA
IOHMAX
Pull-up current
VOUT = 3.135V
-46
IOLMIN
Pull-down current
VOUT = 1.0V
54
IOLMAX
Pull-down current
VOUT = 0.4V
53
AC Timing
Symbol
Parameter
66 MHz
100 MHz
133MHz
Units
Min.
Max.
Min.
Max.
Min.
Max.
tSDRISE
SDRAM CLK rise time
1.5
4.0
1.5
4.0
1.5
4.0
V/ns
tSDFALL
SDRAM CLK fall time
1.5
4.0
1.5
4.0
1.5
4.0
tPLH
SDRAM Buffer LH prop delay
1.0
5.0
1.0
5.0
1.0
5.0
ns
tPHL
SDRAM Buffer HL prop delay
1.0
5.0
1.0
5.0
1.0
5.0
tPZL, tPZH
SDRAM Buffer Enable delay(1)
1.0
8.0
1.0
8.0
1.0
8.0
tPLZ, tPHZ
SDRAM Buffer DIsable delay(1)
1.0
8.0
1.0
8.0
1.0
8.0
Duty Cycle
Measured at 1.5V
45
55
45
55
45
55
%
tSDSKW
SDRAM Output-to-Output skew
250
250
200
ps
DC Operating Specifications (VDD = +3.3V ±5%, TA = - 40°C to + 85°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Input Voltage
VIH
Input High voltage
VDD
2.0
VDD +0.3
V
VIL
Input Low voltage
VSS -0.3
0.8
IIL
Input leakage current
0 < VIN < VDD
-5
5
mA
VDD [0-9] = 3.3V ±5%
VOH
Output High voltage
IOH = -1mA
2.4
V
VOL
Output Low voltage
IOL = 1mA
0.4
COUT
Output pin capacitance
6
pF
CIN
Input pin capacitance
5
LPIN
Pin Inductance
7
nH
TA
Ambient Temperature
No Airflow
0
70
°C
Note:
1. This Parameter specified at 5 MHz input frequency.


Similar Part No. - PI6C182BHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182BHE PERICOM-PI6C182BHE Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
More results

Similar Description - PI6C182BHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com