Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230Y-120 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1230Y-120
Description  256k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1230Y-120 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1230Y-120 Datasheet HTML 2Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 3Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 4Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 5Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 6Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 7Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 8Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 9Page - Maxim Integrated Products DS1230Y-120 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1230Y/AB
7 of 10
WRITE CYCLE 2
SEE NOTES 2, 3, 4, 6, 7, 8, and 13
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Fail Detect to CE and WE Inactive
tPD
1.5
µs
11
VCC slew from VTP to 0V
tF
150
µs
VCC slew from 0V to VTP
tR
150
µs
VCC Valid to CE and WE Inactive
tPU
2
ms
VCC Valid to End of Write Protection
tREC
125
ms


Similar Part No. - DS1230Y-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1230Y-120 DALLAS-DS1230Y-120 Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
DS1230Y-120-IND DALLAS-DS1230Y-120-IND Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
DS1230Y-120IND DALLAS-DS1230Y-120IND Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
More results

Similar Description - DS1230Y-120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com