Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6601-IL-F Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 71M6601-IL-F
Description  Isolated Sensor ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL-F Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6601-IL-F Datasheet HTML 7Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 8Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 9Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 10Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 11Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 12Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 13Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 14Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
71M6xxx Data Sheet
11
4
SPECIFICATIONS
4.1
Absolute Maximum Ratings
Table 3 shows the absolute maximum ranges for the device. Stresses beyond Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation at these or any other conditions beyond those indicated under recommended operating
conditions (4.3 Recommended Operating Conditions) is not implied. Exposure to absolute maximum
ratings conditions for extended periods may affect device reliability. All voltages are with respect to GND.
Table 3: Absolute Maximum Ratings
SUPPLIES AND GROUND PINS:
VCC
-0.5V to 4.6V
GND
-0.1V to +0.1V
ANALOG INPUT PINS:
INP, INN, SP, SN
-10mA to +10mA,
-0.5V to (VCC + 0.5V)
TEMPERATURE:
Operating Junction Temperature (Peak, 100ms)
+140°C
Operating Junction Temperature (Continuous)
+125°C
Storage Temperature Range
-45°C to +165°C
Soldering Temperature (10s duration)
+250°C
4.2
Recommended External Components
Table 4: Recommended External Components
NAME
FROM
TO
FUNCTION
VALUE
UNITS
C1
VCC
GND
Bypass capacitor for supply
1.0
µF
R1, R2
Sensor
GND
To establish proper bias for INP/INN pins
1
k
4.3
Recommended Operating Conditions
Table 5: Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Voltage
2.5
3.6
V
Operating Temperature Range
-40
+85
⁰C


Similar Part No. - 71M6601-IL-F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6601-IL MAXIM-71M6601-IL Datasheet
337Kb / 19P
   Isolated Sensor ICs
Rev 3; 12/12
71M6601-IL/F MAXIM-71M6601-IL/F Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Teridian Semiconductor ...
71M6601-IL/F TERIDIAN-71M6601-IL/F Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
logo
Maxim Integrated Produc...
71M6601-ILR/F MAXIM-71M6601-ILR/F Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Teridian Semiconductor ...
71M6601-ILR/F TERIDIAN-71M6601-ILR/F Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
More results

Similar Description - 71M6601-IL-F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6103 TERIDIAN-71M6103 Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
logo
Maxim Integrated Produc...
71M6601-IL MAXIM-71M6601-IL Datasheet
337Kb / 19P
   Isolated Sensor ICs
Rev 3; 12/12
71M6103 MAXIM-71M6103_V01 Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com