Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-19TQ015PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-19TQ015PBF
Description  Optimized for OR-ing applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-19TQ015PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-19TQ015PBF Datasheet HTML 1Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 2Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 3Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 4Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 5Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 6Page - Vishay Siliconix VS-19TQ015PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-19TQ015PbF, VS-19TQ015-N3
www.vishay.com
Vishay Semiconductors
Revision: 25-Aug-11
2
Document Number: 94151
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
19 A
TJ = 25 °C
0.36
V
38 A
0.46
19 A
TJ = 75 °C
0.32
38 A
0.43
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 100 °C, VR = 12 V
465
mA
TJ = 100 °C, VR = 5 V
285
TJ = 25 °C
VR = Rated VR
10.5
TJ = 100 °C
522
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
2000
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 55 to 125
°C
Maximum storage temperature range
TStg
- 55 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
1.50
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AC
19TQ015


Similar Part No. - VS-19TQ015PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-19TQ015PBF VISHAY-VS-19TQ015PBF_15 Datasheet
161Kb / 7P
   Schottky Rectifier, 19 A
Revision: 25-Aug-11
VS-19TQ015PBF VISHAY-VS-19TQ015PBF_15 Datasheet
152Kb / 7P
   Schottky Rectifier, 19 A
Revision: 25-Aug-11
More results

Similar Description - VS-19TQ015PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20L15TPBF VISHAY-VS-20L15TPBF Datasheet
159Kb / 7P
   Optimized for OR-ing applications
Revision: 26-Aug-11
logo
NXP Semiconductors
PIP401 PHILIPS-PIP401 Datasheet
272Kb / 16P
   OR-ing Intelligent Switch
Rev. 03-5 November 2002
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
   ACTIVE OR-ING MOSFET CONTROLLER
logo
Intel Corporation
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
   Optimized for Broadband Applications
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
   OR-ing Power Schottky Rectifier
logo
Total Power Internation...
TPAC301 TOTAL-POWER-TPAC301 Datasheet
505Kb / 2P
   INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com