Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND830LSP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND830LSP
Description  Double channel high-side driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830LSP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND830LSP Datasheet HTML 7Page - STMicroelectronics VND830LSP Datasheet HTML 8Page - STMicroelectronics VND830LSP Datasheet HTML 9Page - STMicroelectronics VND830LSP Datasheet HTML 10Page - STMicroelectronics VND830LSP Datasheet HTML 11Page - STMicroelectronics VND830LSP Datasheet HTML 12Page - STMicroelectronics VND830LSP Datasheet HTML 13Page - STMicroelectronics VND830LSP Datasheet HTML 14Page - STMicroelectronics VND830LSP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VND830LSP
Electrical specifications
Doc ID 9431 Rev 4
11/27
Table 12.
Truth table
Conditions
Input
Output
Status
Normal operation
L
H
L
H
H
H
Current limitation
L
H
H
L
X
X
H
(Tj < TTSD) H
(Tj > TTSD) L
Overtemperature
L
H
L
L
H
L
Undervoltage
L
H
L
L
X
X
Overvoltage
L
H
L
L
H
H
Output voltage > VOL
L
H
H
H
L
H
Output current < IOL
L
H
L
H
H
L
Table 13.
Electrical transient requirements
ISO T/R
7637/1
Test pulse
Test level
I
II
III
IV
Delays and impedance
1- 25V(1)
1.
All functions of the device are performed as designed after exposure to disturbance.
- 50V(1)
- 75V(1)
- 100V(1)
2ms, 10
Ω
2
+ 25V(1)
+ 50V(1)
+ 75V(1)
+ 100V(1)
0.2ms, 10
Ω
3a
- 25V(1)
- 50V(1)
- 100V(1)
- 150V(1)
0.1µs, 50
Ω
3b
+ 25V(1)
+ 50V(1)
+ 75V(1)
+ 100V(1)
0.1µs, 50
Ω
4- 4V(1)
- 5V(1)
- 6V(1)
- 7V(1)
100ms, 0.01
Ω
5+ 26.5V(1)
+ 46.5V(2)
2.
One or more functions of the device is not performed as designed after exposure and cannot be returned to
proper operation without replacing the device.
+ 66.5V(2)
+ 86.5V(2)
400ms, 2
Ω


Similar Part No. - VND830LSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830LSP-E STMICROELECTRONICS-VND830LSP-E Datasheet
192Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
More results

Similar Description - VND830LSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
   Double channel high-side driver
September 2013 Rev 2
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
264Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830P-E STMICROELECTRONICS-VND830P-E Datasheet
427Kb / 27P
   Double channel high-side driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com