Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHV-224A Datasheet(PDF) 3 Page - TDK Electronics

Part # UHV-224A
Description  Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

UHV-224A Datasheet(HTML) 3 Page - TDK Electronics

  UHV-224A Datasheet HTML 1Page - TDK Electronics UHV-224A Datasheet HTML 2Page - TDK Electronics UHV-224A Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(3/3)
002-03 / 20060919 / e4e38_uhv_fhv.fm
• All specifications are subject to change without notice.
CAPACITANCE vs. DC BIAS CHARACTERISTICS
UHV SERIES(DC. 20 to 50kV, TC:Z5T)
FHV SERIES(DC. 15 to 50kV, TC:Y5S)
PRECAUTIONS
(1) During transportation and storage
• Do not transport or store where the capacitor will be exposed to
high temperature or high humidity.
• Do not expose to poisonous gases such as H2SO4, HCl, or
HNO3.
• Avoid excessive impact such as that caused by falling.
(2) During operation
• Avoid contact with electrolytes such as perspiration. Do not
touch with bare hands.
• Avoid excessive impact such as that caused by falling.
• Do not apply solder to stud terminals.
• Do not re-machine the terminals.
(3) Usage
• When the capacitor is used for high-speed pulses such as with a
laser, make sure that the impressed voltage (peak-to-peak volt-
age) is within the capacitor’s rated specifications.
• Make sure that the capacitor is not exposed to radiant heat from
chambers or transformers.
10
0
–20
–10
–30
–40
0
50
100
150
Rated voltage(%)
100%=Rated voltage
10
0
–20
–10
–30
–40
0
50
100
150
Rated voltage(%)
100%=Rated voltage
• For more information about products with other capacitance or other data, please contact us.


Similar Part No. - UHV-224A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UHV-224A TDK-UHV-224A Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV-224A TDK-UHV-224A Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
More results

Similar Description - UHV-224A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-12AU TDK-FD-12AU Datasheet
60Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com