Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX5010GVP Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPX5010GVP
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010GVP Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPX5010GVP Datasheet HTML 2Page - Motorola, Inc MPX5010GVP Datasheet HTML 3Page - Motorola, Inc MPX5010GVP Datasheet HTML 4Page - Motorola, Inc MPX5010GVP Datasheet HTML 5Page - Motorola, Inc MPX5010GVP Datasheet HTML 6Page - Motorola, Inc MPX5010GVP Datasheet HTML 7Page - Motorola, Inc MPX5010GVP Datasheet HTML 8Page - Motorola, Inc MPX5010GVP Datasheet HTML 9Page - Motorola, Inc MPX5010GVP Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MPX5010 SERIES
7
Motorola Sensor Device Data
PACKAGE DIMENSIONS–CONTINUED
PRESSURE SIDE PORTED (GP)
CASE 867B–04
ISSUE E
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
SEATING
PLANE
–T–
R
N
C
J
PIN 1
–P–
M
Q
M
0.25 (0.010)
T
B
6 PL
D
G
F
S
K
V
S
P
M
0.13 (0.005)
Q S
T
PORT #1
POSITIVE
PRESSURE (P1)
–Q–
L
U
A
12
3
4
5
6
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.305
0.325
7.75
8.26
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.230
0.250
5.84
6.35
S
U
0.910 BSC
23.11 BSC
V
0.182
0.194
4.62
4.93
0.220
0.240
5.59
6.10
CASE 867C–05
ISSUE F
PRESSURE AND VACUUM SIDES PORTED (DP)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
R
X
12
3
4
5
6
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.405
0.435
10.29
11.05
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.063
0.083
1.60
2.11
S
U
0.910 BSC
23.11 BSC
V
0.182
0.194
4.62
4.93
W
0.310
0.330
7.87
8.38
X
0.248
0.278
6.30
7.06
PORT #2 VACUUM (P2)
PORT #1 POSITIVE
PORT #1
PIN 1
PORT #2
POSITIVE
VACUUM
PRESSURE
SEATING
PLANE
SEATING
PLANE
–T–
–T–
P
G
C
J
N
B
F
D
W
V
L
U
6 PL
S
K
–Q–
–A–
M
Q
M
0.25 (0.010)
T
M
A
M
0.13 (0.005)
PRESSURE (P1)
0.220
0.240
5.59
6.10
(P1)
(P2)


Similar Part No. - MPX5010GVP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010GP MOTOROLA-MPX5010GP Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX5010GP FREESCALE-MPX5010GP Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010GP FREESCALE-MPX5010GP Datasheet
462Kb / 23P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010GP NXP-MPX5010GP Datasheet
561Kb / 24P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
logo
Motorola, Inc
MPX5010GS MOTOROLA-MPX5010GS Datasheet
6Mb / 670P
   Sensor
More results

Similar Description - MPX5010GVP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Motorola, Inc
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
logo
Intersema Sensoric SA
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
   LOW PRESSURE SENSOR DIE (0 to 10 kPa)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com