Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQT-108-01-L-D Datasheet(PDF) 1 Page - Samtec, Inc

Part # SQT-108-01-L-D
Description  COST-EFFECTIVE RUGGED SOCKETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SQT-108-01-L-D Datasheet(HTML) 1 Page - Samtec, Inc

  SQT-108-01-L-D Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,00 mm) .0787"
SQT SERIES
SQT–110–01–F–D–RA
Choice of one
through six rows
(2,00 mm)
.0787" pitch
(6,35 mm)
.250"
Vertical and
Right Angle
SQT–112–01–L–5
SQT–116–01–L–D
SQT–108–02–L–S
SQT–110–03–F–Q
WWW.SAMTEC.COM
For complete specifications
see www.samtec.com?SQT
Insulator Material:
Black Liquid
Crystal Polymer
Contact Material:
Phosphor Bronze
Plating:
Sn or Au over
50µ" (1,27 µm) Ni
Voltage Rating:
450 VAC mated with
TMM or TMMH
Operating Temp Range:
-55°C to +125°C
Contact Resistance:
10 m
Ω
Insertion Depth:
(2,62 mm) .103" to
(5,03 mm) .198"
Insertion Force:
(Single contact only)
4 oz (1,11 N) average
Normal Force:
60 grams (0,59 N) average
Withdrawal Force:
(Single contact only)
3 oz (0,83 N) average
Max Cycles:
100 with 10µ" (0,25 µm) Au
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
Specify
LEAD
STYLE
from
chart
–F
= Gold flash on contact,
Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold on
contact, Matte Tin on tail
NO. PINS
PER ROW
1
LEAD
STYLE
PLATING
OPTION
ROW
OPTION
OTHER
OPTION
–S
= Single
Row
–D
= Double
Row
–T
= Triple
Row
–Q
= Four
Row
–5
= Five
Row
–6
= Six
Row
SQT
–RA
= Right
Angle
(–Q, –5 & –6
Row not
available)
(Lead Style
–01 only)
–“XXX”
= Polarized
Position
(Indicate
position
number)
02 thru 50
A
(2,29)
.090
(1,27)
.050
(2,00)
.0787
(6,35)
.250
(2,00)
.0787
TYP
(0,38)
.015
(2,00)
.0787
TYP
300
06
295
01
No. of
rows
x
(2,00)
.0787
No. of positions x (2,00) .0787 + (0,30) .012
(2,29)
.090
(15,24)
.600
(5,28)
.208
LEAD
STYLE
– 01
– 02
– 03
A
–RA OPTION
(–Q, –5 & –6 not available)
Note: Some lengths, styles
and options are non-standard,
non-returnable.
Mates with:
TMMH, TMM, MTMM,
MMT, TW, LTMM, ZLTMM,
ESQT, TCMD, PTT, TSH
F-213
HORIZONTAL
APPLICATIONS
SQT
TMM/
TMMH
Also Available
Elevated
See ESQT Series.
Surface
Mount
See SQW and
TLE Series.
Low
Profile
See CLT Series.
High
Reliability
See SMM Series.
Press Fit
See PTF Series.
TM
SPECIFICATIONS
COST-EFFECTIVE RUGGED SOCKETS
CURRENT RATING
(PER CONTACT)
AMBIENT
TEMP
Mated with
TMM
20°C
5.5A
40°C
5A
60°C
4A
80°C
3A


Similar Part No. - SQT-108-01-L-D

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SQT-102-LEAD-F-5-RA SAMTEC-SQT-102-LEAD-F-5-RA Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
SQT-102-LEAD-F-6-RA SAMTEC-SQT-102-LEAD-F-6-RA Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
SQT-102-LEAD-F-D-RA SAMTEC-SQT-102-LEAD-F-D-RA Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
SQT-102-LEAD-F-Q-RA SAMTEC-SQT-102-LEAD-F-Q-RA Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
SQT-102-LEAD-F-R-RA SAMTEC-SQT-102-LEAD-F-R-RA Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
More results

Similar Description - SQT-108-01-L-D

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SQW-125-01-L-D SAMTEC-SQW-125-01-L-D Datasheet
619Kb / 1P
   COST-EFFECTIVE RUGGED SOCKETS
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
logo
List of Unclassifed Man...
FX-360 ETC2-FX-360 Datasheet
1Mb / 2P
   COST EFFECTIVE PERFECTION
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
   Cost-Effective Flash MCU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com