Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM-105-01-S-D-LC Datasheet(PDF) 2 Page - Samtec, Inc

Part # SFM-105-01-S-D-LC
Description  SMT & THROUGH-HOLE TIGER EYE??SOCKET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SFM-105-01-S-D-LC Datasheet(HTML) 2 Page - Samtec, Inc

  SFM-105-01-S-D-LC Datasheet HTML 1Page - Samtec, Inc SFM-105-01-S-D-LC Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFML–115–T1–L–D–LC
SFM–115–02–L–DH
SFM–110–01–L–D–A
SFM–110–02–L–D–DS
SFM–105–L3–L–D
SFM–120–L3–L–D
High reliability
Tiger Eye
contacts
Mates with TFM
for coplanar and
perpendicular mating
Surface mount or
Through-hole tails
Screw down
option
(1,27 mm x 1,27 mm)
.050" x .050" micro pitch
WWW.SAMTEC.COM
OPTION
ROW
OPTION
PLATING OPTION
LEAD STYLE
AB
–01, –L1, –T1
(3,05)
.120
(0,51)
.020
–03, –L3
(1,91)
.075
(0,41)
.016
(2,79)
.110
(4,57)
.180
(0,13)
.005
TYP
A
B
(1,27) .050 x No. of Positions + (3,94) .155
except for alignment pin option:
(1,27) .050 x No. of Positions + (3,17) .125
(1,27) .050 x No. of Positions + (0,38) .015
(1,27)
.050
(1,27)
.050 TYP
(3,05)
.120
(2,03)
.080
(1,78)
.070
(3,68)
.145
(2,41)
.095
(1,27)
.050
(1,59) .063
(1,27) .050 DIA
(1,41 x 0,25)
.056 x .010
(1,65)
.065
(1,78)
.070
(3,68)
.145
(8,50)
.335
SINGLE ROW
(THROUGH-HOLE)
DOUBLE ROW
(THROUGH-HOLE)
–L
= 10µ" (0,25 µm) Gold on contact, Matte Tin on tail
(Call Samtec for E.L.P. plating option)
Specify only
–K or –P
(Lead styles –02,
–L2, –T2 only)
–K
= Polyimide film
Pick & Place Pad
(Not available
with –DH, –SH)
–P
= Plastic Pick &
Place Pad
(Not available
with –DH, –SH)
Specify –TR last
(Lead styles –02,
–L2, –T2 only)
–TR
= Tape & Reel
(Required callout
for –DH, –SH)
Specify only –A, –LC or –DS
(Not available with –DH, –SH)
–A
= Alignment Pin
(Available with all Lead Styles)
–LC
= Locking Clip
(Available with all lead styles)
(Manual placement required)
–DS
= Dual Screw Down for
(1,60mm) .062" PCB
(05 thru 40 positions only)
(Lead styles –01, –02 & –03 only)
(Requires –D row option)
(Not available with SFML)
(Mates with TFM-DS option)
–S
= Single Row
(SFM only)
–D
= Double Row
–SH
= Single Horizontal
(05 thru 30 positions only)
(SFM only)
(Lead style –02 only)
–DH
= Double Horizontal
(05 thru 30 positions only)
(SFM only)
(Lead style –02 only)
–LC
–A
–DS
(–D, –01 –02 & –03 ONLY)
Note: Other Gold plating options available.
Contact Samtec.
APPLICATION
SPECIFIC OPTION
Solder nail option available.
Call Samtec.
COST-SAVING APPLICATIONS
See SFC Series for lower cost plating options.


Similar Part No. - SFM-105-01-S-D-LC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFM-105-02-S-D SAMTEC-SFM-105-02-S-D Datasheet
184Kb / 1P
   050 X 050 SOCKET STRIP DOUBLE ROW ASSEMBLY
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
More results

Similar Description - SFM-105-01-S-D-LC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-110-02-S-D-A SAMTEC-SFM-110-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
   TIGER EYE IDC SOCKET CABLE
TCSD-10-D-12.00-01-N SAMTEC-TCSD-10-D-12.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
BCS-127-L-D-DE SAMTEC-BCS-127-L-D-DE Datasheet
1Mb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
BCS104LDPEBE SAMTEC-BCS104LDPEBE Datasheet
861Kb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
   TIGER EYE DISCRETE CABLE ASSEMBLY
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com