Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA170N075T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA170N075T2
Description  Preliminary Technical Information TrenchT2TM Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA170N075T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA170N075T2 Datasheet HTML 1Page - IXYS Corporation IXTA170N075T2 Datasheet HTML 2Page - IXYS Corporation IXTA170N075T2 Datasheet HTML 3Page - IXYS Corporation IXTA170N075T2 Datasheet HTML 4Page - IXYS Corporation IXTA170N075T2 Datasheet HTML 5Page - IXYS Corporation IXTA170N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA170N075T2
IXTP170N075T2
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
180
200
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
40
80
120
160
200
240
280
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
10
20304050
60
708090
100
110
QG - NanoCoulombs
VDS = 38V
I D = 85A
I G = 10mA
Fig. 11. Capacitance
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
1
10
100
1,000
1
10
100
VDS - Volts
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
10ms
DC, 100ms
RDS(on) Limit


Similar Part No. - IXTA170N075T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA170N075T2 ISC-IXTA170N075T2 Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTA170N075T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA152N085T IXYS-IXTA152N085T Datasheet
220Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com