Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS5.6B Datasheet(PDF) 2 Page - Rohm

Part # UDZS5.6B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZS5.6B Datasheet(HTML) 2 Page - Rohm

  UDZS5.6B Datasheet HTML 1Page - Rohm UDZS5.6B Datasheet HTML 2Page - Rohm UDZS5.6B Datasheet HTML 3Page - Rohm UDZS5.6B Datasheet HTML 4Page - Rohm UDZS5.6B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.D
Data Sheet
UDZS13B
Electrical characteristics (Ta=25
C)
Type No.
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
UDZS 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
UDZS 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
UDZS 4.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
UDZS 4.7B
4.550
4.750
5.0
100
5.0
800
0.5
2.0
1.0
UDZS 5.1B
4.980
5.200
5.0
80
5.0
500
0.5
2.0
1.5
UDZS 5.6B
5.490
5.730
5.0
60
5.0
200
0.5
1.0
2.5
UDZS 6.2B
6.060
6.330
5.0
60
5.0
100
0.5
1.0
3.0
UDZS 6.8B
6.650
6.930
5.0
40
5.0
60
0.5
0.5
3.5
UDZS 7.5B
7.280
7.600
5.0
30
5.0
60
0.5
0.5
4.0
UDZS 8.2B
8.020
8.360
5.0
30
5.0
60
0.5
0.5
5.0
UDZS 9.1B
8.850
9.230
5.0
30
5.0
60
0.5
0.5
6.0
UDZS 10B
9.770
10.210
5.0
30
5.0
60
0.5
0.1
7.0
UDZS 11B
10.760
11.220
5.0
30
5.0
60
0.5
0.1
8.0
UDZS 12B
11.740
12.240
5.0
30
5.0
80
0.5
0.1
9.0
UDZS 13B
12.910
13.490
5.0
37
5.0
80
0.5
0.1
10.0
UDZS 15B
14.340
14.980
5.0
42
5.0
80
0.5
0.1
11.0
UDZS 16B
15.850
16.510
5.0
50
5.0
80
0.5
0.1
12.0
UDZS 18B
17.560
18.350
5.0
65
5.0
80
0.5
0.1
13.0
UDZS 20B
19.520
20.390
5.0
85
5.0
100
0.5
0.1
15.0
UDZS 22B
21.540
22.470
5.0
100
5.0
100
0.5
0.1
17.0
UDZS 24B
23.720
24.780
5.0
120
5.0
120
0.5
0.1
19.0
UDZS 27B
26.190
27.530
5.0
150
5.0
150
0.5
0.1
21.0
UDZS 30B
29.190
30.690
5.0
200
5.0
200
0.5
0.1
23.0
UDZS 33B
32.150
33.790
5.0
250
5.0
250
0.5
0.1
25.0
UDZS 36B
35.070
36.870
5.0
300
5.0
300
0.5
0.1
27.0
(1 )The zener voltage(Vz) is measured 40ms after power is supplied.
(2 )The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
TYP.
Reverse current :
IR(uA)
Operating resistance :Zz(Ω)
Rising operataing
resistance :Zz(Ω)
Symbol
Zener voltage :Vz(V)
TYPE
TYPE NO.
TYPE
TYPE NO.
UDZS  3.6B
62
UDZS  12B
25
UDZS  3.9B
72
UDZS  13B
35
UDZS  4.3B
82
UDZS  15B
45
UDZS  4.7B
92
UDZS  16B
55
UDZS  5.1B
A2
UDZS  18B
65
UDZS  5.6B
C2
UDZS  20B
75
UDZS  6.2B
E2
UDZS  22B
85
UDZS  6.8B
F2
UDZS  24B
95
UDZS  7.5B
H2
UDZS  27B
A5
UDZS  8.2B
J2
UDZS  30B
C5
UDZS  9.1B
L2
UDZS  33B
E5
UDZS  10B
05
UDZS  36B
F5
UDZS  11B
15
 
 


Similar Part No. - UDZS5.6B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS5.6B ROHM-UDZS5.6B Datasheet
158Kb / 5P
   Zener diode
UDZS5.6B ROHM-UDZS5.6B Datasheet
221Kb / 5P
   Zener diode
UDZS5.6B ROHM-UDZS5.6B Datasheet
158Kb / 5P
   Zener diode Constant voltage control High reliability.
UDZS5.6B ROHM-UDZS5.6B Datasheet
158Kb / 5P
   Zener diode
UDZS5.6B ROHM-UDZS5.6B Datasheet
140Kb / 5P
   Zener diode
More results

Similar Description - UDZS5.6B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com