Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTK150N15P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTK150N15P
Description  PolarHTTM Power MOSFET N-Channel Enhancement Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK150N15P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTK150N15P Datasheet HTML 1Page - IXYS Corporation IXTK150N15P Datasheet HTML 2Page - IXYS Corporation IXTK150N15P Datasheet HTML 3Page - IXYS Corporation IXTK150N15P Datasheet HTML 4Page - IXYS Corporation IXTK150N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXTK 150N15P
IXTQ 150N15P
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
30
60
90
120
150
180
210
240
270
300
330
01
23
456
78
9
10
VD S - Volts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Characteristics
@ 150
ºC
0
30
60
90
120
150
01
2
345
VD S - Volts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Characteristics
@ 25
ºC
0
30
60
90
120
150
0
0.2 0.4
0.6 0.8
1
1.2 1.4
1.6 1.8
2
VD S - Volts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
ID = 150A
ID = 75A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead Current Limit
Fig. 5. RDS(on) Normalized to 0.5 ID25
Value vs. Drain Current
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
3.4
0
50
100
150
200
250
300
350
I D - Amperes
TJ = 25ºC
VGS = 10V
TJ = 175ºC
VGS = 15V


Similar Part No. - IXTK150N15P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTK150N15P ISC-IXTK150N15P Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTK150N15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK180N15P IXYS-IXTK180N15P Datasheet
168Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTQ74N20P IXYS-IXTQ74N20P Datasheet
175Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA42N25P IXYS-IXTA42N25P Datasheet
257Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ150N06P IXYS-IXTQ150N06P Datasheet
154Kb / 5P
   PolarHTTM Power MOSFET
IXTQ88N30P IXYS-IXTQ88N30P Datasheet
329Kb / 5P
   PolarHTTM Power MOSFET
IXTK200N10P IXYS-IXTK200N10P Datasheet
564Kb / 5P
   PolarHTTM Power MOSFET
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com