Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2581DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2581DG4
Description  Micropower Voltage Mode PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2581DG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2581DG4 Datasheet HTML 1Page - Texas Instruments UCC2581DG4 Datasheet HTML 2Page - Texas Instruments UCC2581DG4 Datasheet HTML 3Page - Texas Instruments UCC2581DG4 Datasheet HTML 4Page - Texas Instruments UCC2581DG4 Datasheet HTML 5Page - Texas Instruments UCC2581DG4 Datasheet HTML 6Page - Texas Instruments UCC2581DG4 Datasheet HTML 7Page - Texas Instruments UCC2581DG4 Datasheet HTML 8Page - Texas Instruments UCC2581DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
UCC1581
UCC2581
UCC3581
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VDD = 10V, 0.1
µF capacitor
from VDD to GND, 1.0
µF capacitor from REF to GND, RT1 = 680kΩ, RT2 = 12kΩ, CT = 750pF and TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Section
Input Bias Current
–150
20
150
nA
Overcurrent Threshold
0.4
0.5
0.6
V
Output Section
OUT Low Level
I = 100mA
0.6
1.2
V
OUT High Level
I = –100mA, VDD – OUT
0.6
1.2
V
Rise/Fall Time
(Note 1)
20
100
ns
Soft start Section
Soft start Current
SS = 2V
–9
–11.5
–14
µA
Chip Enable Section
VIH
1.9
2.0
2.1
V
VIL
1.7
1.8
1.9
V
Hysteresis
180
230
280
mV
Source Current
510
15
µA
Overall Section
Start-Up Current
VDD < Start Threshold
85
130
µA
Operating Supply Current
VC = 0V
300
600
µA
VDD Zener Shunt Voltage
IDD = 10mA
13.5
15
16.5
V
IDD Stand-by Shunt Voltage
EN = 0V
100
150
µA
Note 1: Guaranteed by design. Not 100% tested in production
CT: Oscillator timing capacitor pin. Minimum value is
100pF.
DCMIN: Input for programming minimum duty cycle
where pulse skipping begins. This pin can be grounded
to disable minimum duty cycle feature and pulse
skipping.
EN: Enable input. This pin has an internal 10
µA pull-up.
A logic low input inhibits the PWM output and causes the
soft start capacitor to be discharged.
GND: Circuit ground.
GT: Pin for controlling the gate of an external depletion
mode N-MOSFET for the startup supply. The external
N-MOSFET regulates VDD to 7.5V until the bootstrap
supply comes up, then GT goes low.
ISEN: Input for overcurrent comparator. This function can
be used for pulse-by-pulse current limiting. The threshold
is 0.5V nominal.
OUT: Gate drive output to external N-MOSFET.
REF: 4.0V reference output. A minimum value bypass
capacitor of 1.0
µF is required for stability.
RT1: Resistor pin to program oscillator charging current.
The oscillator charging current is 92
20
1
.
.
• 
V
RT
.
See Application Diagram Fig. 1.
The current into this pin is
20
1
.
V
RT
 .
The value of RT1 should be between 220k and 1M
Ω.
RT2: Resistor pin to program oscillator discharge time.
The minimum value of RT2 is 10k
Ω. See Application
Diagram Fig. 1.
SS: Soft start capacitor pin. The charging current out of
SS is 3.75X the current in RT1.
SYNC: Oscillator synchronization pin. Rising edge
triggered CMOS/TTL compatible input with a 2.1V
threshold. SYNC should be grounded if not used. The
minimum pulse width of the SYNC signal is 100ns.
VC: Control voltage input to PWM comparator. The
nominal control range of VC is 1.0V to 2.5V.
VDD: Chip input power with an 15V internal clamp. VDD
is regulated by startup FET to 7.5V until the bootstrap
voltage comes up. VDD should be bypassed at the chip
with a 0.1
µF minimum capacitor.
PIN DESCRIPTIONS


Similar Part No. - UCC2581DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2581 TI-UCC2581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
More results

Similar Description - UCC2581DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com