Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7100PWPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPRG4
Description  Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100PWPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7100PWPRG4 Datasheet HTML 3Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 4Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 5Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 6Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 7Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 8Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 9Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 10Page - Texas Instruments UCD7100PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
UCD7100
www.ti.com
SLUS651C – MARCH 2005 – REVISED MAY 2010
APPLICATION INFORMATION
The UCD7100 is part of a family of digital compatible drivers targeting applications utilizing digital control
techniques or applications that require local fast peak current limit protection.
Supply
The UCD7K devices accept an input range of 4.5 V to 15 V. The device has an internal precision linear regulator
that produces the 3V3 output from this VDD input. A separate pin, PVDD, not connected internally to the VDD
supply rail provides power for the output drivers. In all applications the same bus voltage supplies the two pins. It
is recommended that a low value of resistance be placed between the two pins so that the local capacitance on
each pin forms low pass filters to attenuate any switching noise that may be on the bus.
Although quiescent VDD current is low, total supply current will be higher, depending on the gate drive output
current required by the switching frequency. Total VDD current is the sum of quiescent VDD current and the
average OUT current. Knowing the operating frequency and the MOSFET gate charge (QG), average OUT
current can be calculated from:
IOUT = QG x f, where f is frequency.
For high-speed circuit performance, a VDD bypass capacitor is recommended to prevent noise problems. A
4.7-µF ceramic capacitor should be located close to the VDD to ground connection. A larger capacitor with
relatively low ESR should be connected to the PVDD pin, to help deliver the high current peaks to the load. The
capacitors should present a low impedance characteristic for the expected current levels in the driver application.
The use of surface mount components for all bypass capacitors is highly recommended.
Reference / External Bias Supply
All devices in the UCD7K family are capable of supplying a regulated 3.3-V rail to power various types of external
loads such as a microcontroller or an ASIC. The onboard linear voltage regulator is capable of sourcing up to 10
mA of current. For normal operation, place a minimum of 0.22 µF of ceramic capacitance from the reference pin
to ground.
Input
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up to 2 MHz. There is
an internal Schmitt Trigger comparator which isolates the internal circuitry from any external noise.
If limiting the rise or fall times to the power device is desired, then an external resistance can be added between
the output of the driver and the load device, which is generally a power MOSFET gate. The external resistor may
also help remove power dissipation from the package.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UCD7100


Similar Part No. - UCD7100PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100PWPRG4 TI-UCD7100PWPRG4 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100PWPRG4 TI1-UCD7100PWPRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100PWPRG4 TI-UCD7100PWPRG4 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
More results

Similar Description - UCD7100PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com