Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7100PWPG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCD7100PWPG4
Description  Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100PWPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD7100PWPG4 Datasheet HTML 7Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 8Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 9Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 10Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 11Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 12Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 13Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 14Page - Texas Instruments UCD7100PWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
14
UCD91xx
with
CLA
Peripheral
1
12
8
PVDD
OUT
CS
10
PGND
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
7
2
UCD7100PWP
Bias
Winding
VIN
VOUT
VDS
CS
FB
CS
VDS
COMMUNICATION
(Programming & Status Reporting)
Bias Supply
11
OUT
9
PGND
13
PVDD
VDD
NC
2
Isolation
Amplifier
2
1
UCD7100
www.ti.com
SLUS651C – MARCH 2005 – REVISED MAY 2010
Thermal Information
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the device package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCD7K family of drivers is available in PowerPAD™ TSSOP package to cover a range of
application requirements. Both have the exposed pads to relieve thermal dissipation from the semiconductor
junction.
As illustrated in Reference [2], the PowerPAD™ packages offer a leadframe die pad that is exposed at the base
of the package. This pad is soldered to the copper on the PC board (PCB) directly underneath the device
package, reducing the
ΘJC down to 4.7°C/W. The PC board must be designed with thermal lands and thermal
vias to complete the heat removal subsystem, as summarized in Reference [3].
Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and
thermally connected to the substrate which is the ground of the device.
Circuit Layout Recommendations
In a power driver operating at high frequency, it is a significant challenge to get clean waveforms without much
overshoot/undershoot and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. Utmost care must be used in the circuit layout. It is
advantageous to connect the driver IC as close as possible to the leads. The driver device layout has the analog
ground on the opposite side of the output, so the ground should be connected to the bypass capacitors and the
load with copper trace as wide as possible. These connections should also be made with a small enclosed loop
area to minimize the inductance.
Figure 2. Isolated Forward Converter
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCD7100


Similar Part No. - UCD7100PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100PWPG4 TI1-UCD7100PWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
More results

Similar Description - UCD7100PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com