Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVDI430MCI Datasheet(PDF) 1 Page - IXYS Corporation

Part # EVDI430MCI
Description  30A Ultra Fast MOSFET / IGBT Driver Evaluation Boards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EVDI430MCI Datasheet(HTML) 1 Page - IXYS Corporation

  EVDI430MCI Datasheet HTML 1Page - IXYS Corporation EVDI430MCI Datasheet HTML 2Page - IXYS Corporation EVDI430MCI Datasheet HTML 3Page - IXYS Corporation EVDI430MCI Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Release
Copyright © IXYS CORPORATION 2003
General Description
EVDD430S / EVDD430CY
The EVDD430S / EVDD430CY evaluation boards are
general-purpose circuit boards designed to simplify the
evaluation of the IXYS IXDS430, IXDD430, IXDI430, and
IXDN430 MOSFET / IGBT driver, as well as to provide a
building block for power circuit development. Any of three IC
package types, SOIC-28, 5 lead TO-220, and 5 lead TO-263
are available on two different boards. The board layouts
enable the use of MOSFETs or IGBTs in the TO-247, TO-264
or SOT-227 packages and also allow the driven devices to
be mounted to a heat sink. In doing so, the board
assemblies can be used as a ground referenced, low side
power switch for both single-ended and push-pull
configurations. The board layout for all three driver packages
allows the device tabs to be soldered or strapped to a
ground plane for improved cooling in high-power, high
frequency applications with large MOSFET devices. The
layouts have also been optimized for minimal trace routing
and maximized area to reduce inductance and enhance
performance.
Figures 1and 2 are photographs of the front and back of the
EVDD430CY board loaded with an IXDI430CI TO-220 driver
while figures 3 and 4 show the EVDD430S board equipped
with the IXDS430S 28 pin SOIC package. The low level
inputs are shown at various points on the boards. The
'Signal In' is a TTL or CMOS level compatible input which
controls the on or off state of the power device Q1or Q2.
'Disable' is a optional input, depending on which device is
installed, and controls the Tri-State output (IXDD430, and
IXDS430 devices only). The Tri-State mode could be used in
a motor drive circuit in which an over current could be
detected and then a disabling signal fed back, to control the
turn off of an IGBT at a slower rate through a seperate 'bleed
off' resistor. The 'VCC-IN' is the low voltage (8.5-35V) supply
input. Figures 5 and 6 illustrate the mounting of a TO-247,
TO-264, SOT-227 power devices.
30A Ultra Fast MOSFET / IGBT Driver Evaluation Boards
The drive output is attached to the MOSFET / IGBT via the
gate drive resistor positions. The resistors can be replaced
with values to optimize the turn on, turn off performance of
the design. The IXDS430S also includes seperate drive
output source / sink pins and the EVDD430S evaluation
board is arranged such that the turn on rate can be different
from the turn off rate via the seperated output pins of the
device. The IXD_430 C and Y output pins are internally
connected and have just one set of gate resistors.
Finally, the devices are available with an undervoltage trip
point of 8.5V or 11.75V, see order table. If the supply voltage
dips below this fixed point, drive to the power device is
disabled. This feature is selectable on the EVDD430S PCB
by way of JP2 while JP1 provides the option to invert the
drive signal.
Circuit Operation
The schematic diagrams for the evaluation boards are
shown in Figures 8 and 9. The external drive signal is
applied to 'Signal In' test point. The PCBs also provide
solder pads across the 50 Ohm input resistor R4 so that a
coax can be soldered directly to the board.The PCBs have
been designed in an attempt to minimize parasitic
inductance associated with long and narrow traces. Large
attachment points have been provided so that the user can
connect larger wire or copper strap to minimize loop
inductance. The diode, resistor combination of DA and RA
provides a controlled rate discharge path for the gate of the
power device when the Enable function forces the driver into
its Tri-State mode. In this mode, the turn-off time of the
power device is determined by the time constant of the input
gate capacitance C
iss and the value of the resistor RA. RA
has not been loaded so that the user may choose the value
which best suits the design.
Ordering Information
Part Number
Companion Device (1)
Options
EVDD430CI
IXDD430CI
TO-220
UV = 11.75
NI with Enable
EVDD430MCI
IXDD430MCI
TO-220
UV = 8.5
NI with Enable
EVDD430YI
IXDD430YI
TO-263
UV = 11.75
NI with Enable
EVDD430MYI
IXDD430MYI
TO-263
UV = 8.5
NI with Enable
EVDI430CI
IXDI430CI
TO-220
UV = 11.75
Inverting
EVDI430MCI
IXDI430MCI
TO-220
UV = 8.5
Inverting
EVDI430YI
IXDI430YI
TO-263
UV = 11.75
Inverting
EVDI430MYI
IXDI430MYI
TO-263
UV = 8.5
Inverting
EVDN430CI
IXDN430CI
TO-220
UV = 11.75
NI
EVDN430MCI
IXDN430MCI
TO-220
UV = 8.5
NI
EVDN430YI
IXDN430YI
TO-263
UV = 11.75
NI
EVDN430MYI
IXDN430MYI
TO-263
UV = 8.5
NI
EVDS430SI
IXDS430SI
28 pin SOIC
UV / Invert = Selectable w/ Enable
UV = Under Voltage Trip Point, NI = Non Inverting
(1) Companion device to be mounted by user.


Similar Part No. - EVDI430MCI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDI409 IXYS-EVDI409 Datasheet
85Kb / 2P
   Gate Driver IC Evaluation Boards
More results

Similar Description - EVDI430MCI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
   Gate Driver IC Evaluation Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
   evaluation boards
REV. 0
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
   Compact Evaluation Boards
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
   VCO Evaluation Boards
logo
Digitron Semiconductors
MUR3020 DIGITRON-MUR3020 Datasheet
163Kb / 2P
   30A ULTRA FAST RECTIFIER
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com