Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGK320N60A3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGK320N60A3
Description  600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGK320N60A3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGK320N60A3 Datasheet HTML 1Page - IXYS Corporation IXGK320N60A3 Datasheet HTML 2Page - IXYS Corporation IXGK320N60A3 Datasheet HTML 3Page - IXYS Corporation IXGK320N60A3 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
part number
Vces
(V)
Ic @ Tc = 110oc
(a)
Vce (sat) Tj = 25oc
(V)
tfi typ
(ns)
Eoff typ
(mj)
rthjc
(oc/w)
package
IXGR48N60B3
600
27
2.1
116
0.66
0.83
ISOPLUS247
IXGR48N60B3D1
600
27
2.1
116
0.66
0.83
ISOPLUS247
IXGH36N60B3D1
600
36
1.8
100
0.8
0.5
TO-247
IXGH36N60B3D4
600
36
1.8
100
0.8
0.5
TO-247
IXGP48N60B3
600
48
1.8
116
0.66
0.42
TO-220
IXGH48N60B3D1
600
48
1.8
116
0.66
0.42
TO-247
IXGH48N60B3
600
48
1.8
116
0.66
0.42
TO-247
IXGA48N60B3
600
48
1.8
116
0.66
0.42
TO-263
IXGH56N60B3D1
600
56
1.8
95
1.05
0.375
TO-247
IXGX64N60B3D1
600
64
1.8
88
1
0.27
PLUS247
IXGH64N60B3
600
64
1.8
88
1
0.27
TO-247
IXGK64N60B3D1
600
64
1.8
88
1
0.27
TO-264
IXGT64N60B3
600
64
1.8
88
1
0.27
TO-268
IXGX72N60B3H1
600
72
1.8
92
1
0.23
PLUS247
IXGH72N60B3
600
72
1.8
92
1
0.23
TO-247
IXGK72N60B3H1
600
72
1.8
92
1
0.23
TO-264
IXGT72N60B3
600
72
1.8
92
1
0.23
TO-268
IXGL200N60B3
600
90
1.5
183
2.9
0.31
ISOPLUS264
IXGH90N60B3
600
90
1.8
148
1.37
0.19
TO-247
IXGX120N60B3
600
120
1.8
145
3.5
0.16
PLUS247
IXGK120N60B3
600
120
1.8
145
3.5
0.16
TO-264 AA
IXGB200N60B3
600
200
1.5
183
2.9
0.1
PLUS264
IXGN200N60B3
600
200
1.5
183
2.9
0.15
SOT-227B
part number
Vces
(V)
Ic @ Tc = 110oc
(a)
Vce (sat) Tj = 25oc
(V)
tfi typ
(ns)
Eoff typ
(mj)
rthjc
(oc/w)
package
IXGR48N60C3D1
600
26
2.7
38
0.23
1
ISOPLUS 247
IXGP30N60C3
600
30
3
47
0.09
0.56
TO-220
IXGH30N60C3D1
600
30
3
47
0.09
0.56
TO-247
IXGA30N60C3
600
30
3
47
0.09
0.56
TO-263
IXGR72N60C3D1
600
35
2.7
55
0.48
0.62
ISOPLUS 247
IXGP48N60C3
600
48
2.5
38
0.23
0.42
TO-220
IXGH48N60C3
600
48
2.5
38
0.23
0.42
TO-247
IXGH48N60C3D1
600
48
2.5
38
0.23
0.42
TO-247
IXGA48N60C3
600
48
2.5
38
0.23
0.42
TO-263
IXGH60N60C3
600
60
2.5
55
0.42
0.33
TO-247
IXGH60N60C3D1
600
60
2.5
55
0.42
0.33
TO-247
IXGX72N60C3H1
600
72
2.5
55
0.48
0.23
PLUS247
IXGH72N60C3
600
72
2.5
55
0.48
0.23
TO-247
600V GenX3TM (c3) IGBTs summary Table
600V GenX3TM (B3) IGBTs summary Table
c3-class n High Speed IGBTs n Up to 100kHz
The switching and conduction losses for the C3-Class are optimized for switching frequencies up to 100khz. The C3-Class performance
improvements include up to a 12% decrease in thermal resistance for improved power handling and also include up to 22% lower turn-off
energy per pulse (Eoff) for significantly lower switching losses versus prior generation of high speed IGBTs.
B3-class n Medium Speed IGBTs n Up to 40kHz
The switching and conduction losses for the B3-Class are optimized for up to 40kHz. Performance improvements were incorporated to
yield up to 22% lower turn-off energy per pulse (Eoff) and 10% lower thermal resistance to improve power handling.


Similar Part No. - IXGK320N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
More results

Similar Description - IXGK320N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com