Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE352-72 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE352-72
Description  N Male to N Male High Performance Test Cable 18 Ghz 72 Inch Length Using PE-P141 Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE352-72 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE352-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE352-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE352-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male High Performance Test Cable 18 Ghz 72 Inch Length Using PE-P141 Coax, RoHS
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
PE-P141
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Insertion Loss
0.86 dB/ft [ 2.82 dB/m ]
Velocity of Propagation, %
70
RF Shielding, dB
110
Maximum Input Power, Watts
550
Typical Performance by Frequency
Frequency 1
Frequency, GHz
6
Insertion Loss
0.4 dB/ft [ 1.31 dB/m ]
Frequency 2
Frequency, GHz
12
Insertion Loss
0.6 dB/ft [ 1.97 dB/m ]
Frequency 3
Frequency, GHz
18
VSWR
1.22:1
Insertion Loss
0.75 dB/ft [ 2.46 dB/m ]
Electrical Specification Notes:
Short lengths up to 12” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
PE-P141
Temperature
Temperature Operating Range, deg C
-55 to +125
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male High Performance Test Cable 18 Ghz 72 Inch Length Using PE-P141 Coax,
RoHS PE352-72
PE352-72 REV 1.1
PE352-72
N Male to N Male High Performance Test Cable 18 Ghz
72 Inch Length Using PE-P141 Coax, RoHS


Similar Part No. - PE352-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE352-100CM PASTERNACK-PE352-100CM Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 100 cm Length Using PE-P141 Coax, RoHS
PE352-12 PASTERNACK-PE352-12 Datasheet
333Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE352-120 PASTERNACK-PE352-120 Datasheet
407Kb / 4P
   N Male to N Male Cable 120 Inch Length Using PEP141 Coax with HeatShrink, LF Solder, RoHS
PE352-150CM PASTERNACK-PE352-150CM Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 150 cm Length Using PE-P141 Coax, RoHS
PE352-200CM PASTERNACK-PE352-200CM Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 200 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE352-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE354-72 PASTERNACK-PE354-72 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 72 Inch Length Using PE-P141 Coax, RoHS
PE352-24 PASTERNACK-PE352-24 Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 24 Inch Length Using PE-P141 Coax, RoHS
PE352-60 PASTERNACK-PE352-60 Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 60 Inch Length Using PE-P141 Coax, RoHS
PE352-12 PASTERNACK-PE352-12 Datasheet
333Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE352-36 PASTERNACK-PE352-36 Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 36 Inch Length Using PE-P141 Coax, RoHS
PE352-48 PASTERNACK-PE352-48 Datasheet
334Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 48 Inch Length Using PE-P141 Coax, RoHS
PE352 PASTERNACK-PE352 Datasheet
333Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz Using PE-P141 Coax, RoHS
PE354-12 PASTERNACK-PE354-12 Datasheet
335Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE354-60 PASTERNACK-PE354-60 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 60 Inch Length Using PE-P141 Coax, RoHS
PE354-120 PASTERNACK-PE354-120 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com