Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTQ200N075T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTQ200N075T
Description  Preliminary Technical Information Trench Gate Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ200N075T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTQ200N075T Datasheet HTML 1Page - IXYS Corporation IXTQ200N075T Datasheet HTML 2Page - IXYS Corporation IXTQ200N075T Datasheet HTML 3Page - IXYS Corporation IXTQ200N075T Datasheet HTML 4Page - IXYS Corporation IXTQ200N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
DS99634 (11/06)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C75
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
75
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C
200
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
540
A
I
AR
T
C = 25°C25
A
E
AS
T
C = 25°C
750
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS
3
V/ns
T
J
≤ 175°C, R
G = 5 Ω
P
D
T
C = 25°C
430
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque
1.13 / 10 Nm/lb.in.
Weight
TO-3P
5.5
g
TO-247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS
= 0 V, I
D = 250 μA75
V
V
GS(th)
V
DS = VGS, ID = 250 μA
2.0
4.0
V
I
GSS
V
GS = ± 20 V, VDS = 0 V
± 200
nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0 V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10 V, ID = 25 A, Notes 1, 2
4.0
5.0
m
Ω
Trench Gate
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTH200N075T
IXTQ200N075T
V
DSS
=75
V
I
D25
= 200
A
R
DS(on)
≤≤≤≤ 5.0 m
Ω
Ω
Ω
Ω
Ω
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
TO-3P (IXTQ)
Preliminary Technical Information
G
D
S
TO-247 (IXTH)
G
S
D
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
(TAB)


Similar Part No. - IXTQ200N075T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTQ200N075T ISC-IXTQ200N075T Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTQ200N075T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA90N15T IXYS-IXTA90N15T Datasheet
198Kb / 6P
   Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA76N25T IXYS-IXTA76N25T Datasheet
213Kb / 6P
   Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA152N085T IXYS-IXTA152N085T Datasheet
220Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA170N075T2 IXYS-IXTA170N075T2 Datasheet
208Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com