Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH5017-NW Datasheet(PDF) 3 Page - Microchip Technology

Part # SCH5017-NW
Description  Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCH5017-NW Datasheet(HTML) 3 Page - Microchip Technology

  SCH5017-NW Datasheet HTML 1Page - Microchip Technology SCH5017-NW Datasheet HTML 2Page - Microchip Technology SCH5017-NW Datasheet HTML 3Page - Microchip Technology SCH5017-NW Datasheet HTML 4Page - Microchip Technology SCH5017-NW Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
SMSC SCH5017
3
Revision 0.5 (05-24-07)
PRODUCT PREVIEW
General Description
The SCH5017 is a 3.3V (Super I/O Block is 5V tolerant) PC99/PC2001 compliant Super I/O controller
with an LPC interface. SCH5017 also includes Hardware Monitoring capabilities, enhanced Security
features, Power Control logic and Motherboard Glue logic.
The SCH5017's hardware monitoring capability includes temperature, voltage and fan speed
monitoring. It has the ability to alert the system to out-of-limit conditions and automatically control the
speeds of multiple fans. There are four analog inputs for monitoring external voltages of +5V, +5VTR,
+12V and Vccp (core processor voltage), as well as internal monitoring of the SIO's VCC, VTR, and
Vbat power supplies. The SCH5017 includes support for monitoring two external temperatures via
thermal diode inputs and an internal sensor for measuring ambient temperature. The nHWM_INT pin
is implemented to indicate out-of-limit temperature, voltage, and FANTACH conditions. The hardware
monitoring block of the SCH5017 is accessible via the System Management Bus (SMBus). The same
interrupt event reported on the nHWM_INT pin also creates PME wakeup events and speaker alarm
annunciation.
The SCH5017 also allows for a two or three piece linear fan function.
The Motherboard Glue logic includes various power management and system logic including
generation of nRSMRST, SMBus buffers, and buffered PCI reset outputs.
The SCH5017 incorporates complete legacy Super I/O functionality including an 8042 based keyboard
and mouse controller, an IEEE 1284, EPP, and ECP compatible parallel port, one serial port that is
16C550A UART compatible, one IrDA 1.0 infrared ports, and a floppy disk controller with SMSC's true
CMOS 765B core and enhanced digital data separator, The true CMOS 765B core provides 100%
compatibility with IBM PC/XT and PC/AT architectures and is software and register compatible with
SMSC's proprietary 82077AA core. System related functionality, which offers flexibility to the system
designer, General Purpose I/O control functions, control of two LED's, and fan control using fan
tachometer inputs and pulse width modulator (PWM) outputs
The SCH5017 is ACPI 1.0/2.0 compatible and therefore supports multiple low power-down modes. It
incorporates sophisticated power control circuitry (PCC), which includes support for keyboard and
mouse wake-up events.
The SCH5017 supports the ISA Plug-and-Play Standard register set (Version 1.0a). The I/O Address,
DMA Channel and hardware IRQ of each logical device in the SCH5017 may be reprogrammed
through the internal configuration registers. There are up to 480 (960 - Parallel Port) I/O address
location options, a Serialized IRQ interface, and Three DMA channels.


Similar Part No. - SCH5017-NW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SCH5017 SMSC-SCH5017 Datasheet
208Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
More results

Similar Description - SCH5017-NW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SCH5017 SMSC-SCH5017 Datasheet
208Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
SCH5027E SMSC-SCH5027E Datasheet
189Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
SCH5027D-NW SMSC-SCH5027D-NW Datasheet
222Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M182 SMSC-LPC47M182_07 Datasheet
95Kb / 5P
   Advanced I/O Controller with Motherboard GLUE Logic
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M172 SMSC-LPC47M172_07 Datasheet
1Mb / 226P
   Advanced I/O Controller with Motherboard GLUE Logic
DME1737 SMSC-DME1737 Datasheet
176Kb / 5P
   SUPER I/O WITH TEMPERATURE
logo
National Semiconductor ...
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
   LPC SuperI/O with Glue Functions
PC8374L NSC-PC8374L Datasheet
1Mb / 239P
   SensorPathTM SuperI/O with Glue Functions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com