Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-G503 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-G503
Description  10 mm (0.40 inch) Seven Segment Displays Single and dual digits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-G503 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-G503 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-G503 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Yellow
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
290
800
µcd
IF = 5 mA
(Digit Average)
IV
Forward Voltage/Segment or DP
VF
2.2
2.5
V
IF = 20 mA
HDSP-
Peak Wavelength
λ
PEAK
583
nm
F30x/
G30x
Dominant Wavelength[3,6]
λ
d
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
40
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θ
J-PIN
320
°C/W/Seg
Junction-to-Pin
High Performance Green
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of
the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. For low current operation, the AlGaAs HDSP-F10X, G10X series displays are recommended. They are tested at 1 mA
dc/segment and are pin for pin compatible with the HDSP-F15X/F16x/G15X series.
6. The Yellow (HDSP-F30X/G30X) series and Green (HDSP-F50X/G50X) series displays are categorized for dominant wavelength. The
category is designated by a number adjacent to the luminous intensity category letter.
Device
Test
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Luminous Intensity/Segment[1,2]
IV
1030
3500
µcd
IF = 10 mA
(Digit Average)
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
HDSP-
Peak Wavelength
λ
PEAK
566
nm
F50x/
G50x
Dominant Wavelength[3,6]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50
V
IR = 100 µA
Temperature Coefficient of
∆V
F /°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θ
J-PIN
320
°C/W/Seg
Junction-to-Pin
Electrical/Optical Characteristics at T
A = 25°C, continued


Similar Part No. - HDSP-G503

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-G503-00000 HP-HDSP-G503-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-G503-00016 HP-HDSP-G503-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
More results

Similar Description - HDSP-G503

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com