Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-G303 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-G303
Description  10 mm (0.40 inch) Seven Segment Displays Single and dual digits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-G303 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-G303 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-G303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Industry standard size
• Industry standard pinout
7.6 mm (0.3 inch) DIP single
15.24 mm (0.6 inch) DIP dual
Leads on 2.54 mm (0.1 inch) centers
• Choice of colors
AlGaAs Red, High Efficiency Red, Orange, Yellow, Green
• Excellent appearance
Evenly lighted segments
Mitered corners on segments
Gray package gives optimum contrast
Black surface and color tinted epoxy (HDSP-F161 only)
±50° viewing angle
• Design flexibility
Common anode or common cathode
Single and dual digits
Right hand decimal point
±1. overflow character
HDSP-F15x/F16x Series
HDSP-F20x/F30x/F40x/F50x Series
HDSP-G00x/G15x Series
HDSP-G20x/G30x/G40x/G50x Series
AlGaAs
Red[1]
HER
Orange
Yellow
Green
Package
HDSP-
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
F151
F201
F401
F301
F501
Common Anode Right Hand Decimal
A
F161
Common Anode Right Hand Decimal
A
F153
F203
F403
F303
F503
Common Cathode Right Hand Decimal
B
F157
F207
F407
F307
F507
Common Anode
± 1. Overflow
C
F158
F208
F408
F308
F508
Common Cathode
± 1. Overflow
D
G151
G201
G401
G301
G501
Two Digit Common Anode
Right Hand Decimal
E
G153
G203
G403
G303
G503
Two Digit Common Cathode
Right Hand Decimal
F
Devices
Note:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-F10X data sheet for low current operation.
Description
The 10 mm (0.40 inch) LED seven segment displays
are Avago’s most space-efficient character size. They
are designed for viewing distances up to 4.5 metres (15
feet). These devices use an industry standard size
package and pinout. The dual numeric, single numeric,
and
± 1. overflow devices feature a right hand decimal
point. All devices are available as either common
anode or common cathode.
Typical applications include instruments, point of sale
terminals, and appliances.
• Categorized for luminous intensity
Yellow and Green categorized for color
Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection option
• Sunlight viewable AlGaAs
HDSP-F15x Series
10 mm (0.40 inch) Seven Segment Displays
Data Sheet


Similar Part No. - HDSP-G303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-G303-00000 HP-HDSP-G303-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-G303-00016 HP-HDSP-G303-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
More results

Similar Description - HDSP-G303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com