Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL04AS100K2B51A0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # PTGL04AS100K2B51A0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL04AS100K2B51A0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button PTGL04AS100K2B51A0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PTGL04AS100K2B51A0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
9
Application
Part Number
Max.
Voltage
(V)
Resistance
(at 25 °C)
(ohm)
Body
Diameter
(mm)
Thickness
(mm)
Lead
Space
(mm)
Lead
Diameter
(mm)
More
Details
PTGL13AR100H8B72B0
PTGL12AR150H8B72B0
PTGL14AR180M9C01B0
PTGL09AR250H8B52B0
PTGL09AR390M9C61B0
PTGL07AR560M9B51A0
PTGL07AR820M9B51A0
PTGL07AS121M0N51A0
PTGL07AS181M0N51A0
For high
wattage power
supply
10 ±25%
14.0
6.0
7.5
0.60
page 57
15 ±25%
12.5
6.0
7.5
0.60
page 57
18 ±20%
15.7
6.5
10.0
0.65
page 57
25 ±25%
10.0
6.0
5.0
0.60
page 57
39 ±20%
10.0
6.5
6.5
0.65
page 57
56 ±20%
8.2
6.5
5.0
0.60
-
82 ±20%
8.2
6.5
5.0
0.60
-
120 ±20%
7.8
6.0
5.0
0.50
page 67
180 ±20%
7.8
6.0
5.0
0.50
page 67
For power supply
of electronic
fluorescent
ballasts
265
280
Please ask for details.
POSISTOR
r is an integrated solution to work as both
current limit resistor and overcurrent fuse. It works as a
stable resistor in normal operation and protects itself
against overcurrent situations.
(1) High wattage power supply (flat display panels etc.)
(2) Power supply for fluorescent lights
(3) Other switching power supplies
c Inrush Current Limit for Power Supply
POSISTOR
r Lead type: PTGL series
1. Applications
(1) Protection against overcurrent situations
(2) Automatic reset from protective trip mode
(3) Space-saving
(4) Various characteristics to meet a suitable resistance
value
2. Benefits
Choose an appropriate part number based on the
resistance value required to the inrush current limit.
Review the maximum voltage.
3. Recommended part numbers
Load
+
-
Load
POSISTOR
r
+
-
Application Notes
Replacement idea for a resistor and fuse solution


Similar Part No. - PTGL04AS100K2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL04AS100K2B51A0 MURATA-PTGL04AS100K2B51A0 Datasheet
250Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL04AS100K2B51A0 MURATA1-PTGL04AS100K2B51A0 Datasheet
455Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL04AS100K2B51A0 MURATA1-PTGL04AS100K2B51A0 Datasheet
494Kb / 3P
   PTC Thermistors
02/05/2024
PTGL04AS100K2B51A0 MURATA1-PTGL04AS100K2B51A0_V01 Datasheet
455Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL04AS100K2B51A0 MURATA1-PTGL04AS100K2B51A0_V02 Datasheet
494Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL04AS100K2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com