Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM124R2V Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FODM124R2V
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM124R2V Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FODM124R2V Datasheet HTML 1Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 2Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 3Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 4Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 5Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 6Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 7Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 8Page - Fairchild Semiconductor FODM124R2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODMXXX Rev. 1.1.4
5
Fig 7. Collector Dark Current vs. Ambient
Temperature (FODM121/2701/2705)
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
V
CE = 40V
Fig. 8 Normalized Current Transfer Ratio vs.
Ambient Temperature (FODM121/2701/2705)
-40
-20
0
20
40
60
80
100
120
20
40
60
80
100
120
140
160
I
F = 5mA
V
CE = 5V
Normalized to TA = 25
oC
Fig. 9 Switching Time vs. Load Resistance
(FODM121/2701/2705)
RL - Load Resistance (kΩ)
110
100
1
10
100
1000
V
CC
= 5V
TA = 25
oC
t
OFF
t
ON
IF = 16mA
t
S
I
F = 5mA
Fig. 10 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
(FODM124)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
I
F = 1mA
IC = 0.5mA
Fig. 11 Current Transfer Ratio vs.
Forward Current (FODM124)
IF - Forward Current (mA)
0.1
1
10
10
100
T
A = 25°C
V
CE = 0.5V
Fig 12. Collector Current vs. Forward Current
(FODM124)
IF - Forward Current (mA)
0.1
1
10
0.01
0.1
1
10
T
A = 25°C
V
CE = 0.5V


Similar Part No. - FODM124R2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM124 FAIRCHILD-FODM124 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM124R2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com