Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40T65UPD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGH40T65UPD
Description  650 V, 40 A Field Stop Trench IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40T65UPD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGH40T65UPD Datasheet HTML 1Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 2Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 3Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 4Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 5Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 6Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 7Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 8Page - Fairchild Semiconductor FGH40T65UPD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FGH40T65UPD Rev. C0
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Saturation Voltage vs. VGE
Figure 9. Capacitance Characteristics
Figure 10. Gate charge Characteristics
Figure 11. SOA Characteristics
Figure 12. Turn-on Characteristics vs.
Gate Resistance
4
8
12
16
20
0
4
8
12
16
20
IC = 20A
40A
80A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]
4
8
12
16
20
0
4
8
12
16
20
80A
IC = 20A
40A
Common Emitter
TC = 175
o
C
Gate-Emitter Voltage, VGE [V]
110
30
100
1000
10000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
30
60
90
120
150
180
0
3
6
9
12
15
300V
Common Emitter
TC = 25
o
C
200V
V
CC = 400V
Gate Charge, Qg [nC]
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
1ms
10 ms
DC
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
10
μs
100
μs
Collector-Emitter Voltage, VCE [V]
0
1020304050
5
10
100
Common Emitter
VCC = 400V, VGE = 15V
IC = 40A
TC = 25
o
C
TC = 175
o
C
t
d(on)
t
r
Gate Resistance, RG [
Ω]


Similar Part No. - FGH40T65UPD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FGH40T65UPD ISC-FGH40T65UPD Datasheet
366Kb / 3P
   Field-Stop Trench IGBT
More results

Similar Description - FGH40T65UPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
   Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
   Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
AFGHL40T65SQD ONSEMI-AFGHL40T65SQD Datasheet
268Kb / 9P
   Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2
AFGHL40T65SQ ONSEMI-AFGHL40T65SQ Datasheet
255Kb / 8P
   Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
   IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SQD ONSEMI-FGH40T65SQD Datasheet
937Kb / 11P
   650 V, 40 A Field Stop Trench IGBT
June 2017 Rev. 1.0
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40N65UFDTU ONSEMI-FGH40N65UFDTU Datasheet
478Kb / 10P
   IGBT - Field Stop 650 V, 40 A
January, 2020 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com