Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH20N60UFDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGH20N60UFDTU
Description  600 V, 20 A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH20N60UFDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FGH20N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH20N60UFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FGH20N60UFD Rev. C0
Mechanical Dimensions
TO-247A03


Similar Part No. - FGH20N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FGH20N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
logo
ON Semiconductor
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGAF20N60SMD FAIRCHILD-FGAF20N60SMD Datasheet
960Kb / 10P
   600 V, 20 A Field Stop IGBT
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
   IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
   IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
logo
ON Semiconductor
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com