Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL12AS1R2K3B51B0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PTGL12AS1R2K3B51B0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL12AS1R2K3B51B0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PTGL12AS1R2K3B51B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL12AS1R2K3B51B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
o Part Numbering
y
M
e
18
w
G
r
BB
t
470
u
B1
i
RB
PR
q
qProduct ID
wSeries
rTemperature Characteristics
yResistance Tolerance
uIndividual Specifications
PTC Thermistors (POSISTOR
r) for Overcurrent Protection Chip Type
PR
PTC Thermistors Chip Type
M
G
for Overcurrent Protection
BB
BC
Curie Point 100°C
Curie Point 90°C
±20%
Temperature Characteristics
B1
Individual Specifications
Product ID
Code
Code
Code
Series
Resistance Tolerance
Code
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω). The
first and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures. If
there is a decimal point, it is expressed by the capital letter "R." In
this case, all figures are significant digits.
470
471
Ex.
Ex.
47
Ω
470
Ω
Code
Resistance
Structure, others
eDimensions (LgW)
18
21
1.60
g0.80mm
2.00
g1.25mm
Code
Dimensions (L
gW)
0603
0805
EIA
iPackaging
RA
RB
RK
Packaging
Code
Embossed Taping (4mm Pitch) (4000 pcs.)
Paper Taping (4mm Pitch) (4000 pcs.)
Embossed Taping (4mm Pitch) (3000 pcs.)


Similar Part No. - PTGL12AS1R2K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL12AS1R2K3B51B0 MURATA-PTGL12AS1R2K3B51B0 Datasheet
248Kb / 3P
   PTC thermistors lead type 51V
logo
Murata Manufacturing Co...
PTGL12AS1R2K3B51B0 MURATA1-PTGL12AS1R2K3B51B0 Datasheet
454Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL12AS1R2K3B51B0 MURATA1-PTGL12AS1R2K3B51B0 Datasheet
493Kb / 3P
   PTC Thermistors
02/08/2024
PTGL12AS1R2K3B51B0 MURATA1-PTGL12AS1R2K3B51B0_V01 Datasheet
454Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL12AS1R2K3B51B0 MURATA1-PTGL12AS1R2K3B51B0_V02 Datasheet
493Kb / 3P
   PTC Thermistors
02/08/2024
More results

Similar Description - PTGL12AS1R2K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com