Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4403BU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N4403BU
Description  PNP General Purpose Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4403BU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N4403BU Datasheet HTML 1Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 2Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 3Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 4Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 5Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 6Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 7Page - Fairchild Semiconductor 2N4403BU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
td
Delay Time
VCC = 30 V, IC = 150 mA,
15
ns
tr
Rise Time
IB1 = 15 mA
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA
225
ns
tf
Fall Time
IB1 = IB2 = 15 mA
30
ns
*Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2.0%
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 1.0 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 0.1 mA, IE = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 0.1 A, IC = 0
5.0
V
IBEX
Base Cutoff Current
VCE = 35 V, VEB = 0.4 V
0.1
µA
ICEX
Collector Cutoff Current
VCE = 35 V, VBE = 0.4 V
0.1
µA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 150 mA, VCE = 2.0 V*
IC = 500 mA, VCE = 2.0 V*
30
60
100
100
20
300
VCE(sat)
Collector-Emitter Saturation
Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4
0.75
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA*
IC = 500 mA, IB = 50 mA
0.75
0.95
1.3
V
V
PNP General Purpose Amplifier
(continued)
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 10 V,
f = 100 MHz
200
MHz
Ccb
Collector-Base Capacitance
VCB = 10 V, IE = 0,
f = 140 kHz
8.5
pF
Ceb
Emitter-Base Capacitance
VBE = 0.5 V, IC = 0,
f = 140 kHz
30
pF
hie
Input Impedance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.5
15
k
hre
Voltage Feedback Ratio
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
0.1
8.0
x 10
-4
hfe
Small-Signal Current Gain
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
60
500
hoe
Output Admittance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.0
100
µmhos


Similar Part No. - 2N4403BU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4403B PANJIT-2N4403B Datasheet
197Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results

Similar Description - 2N4403BU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com