Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-2700 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2700
Description  Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2700 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-2700 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDDA5 = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
System Current, Mouse Moving
IDD5
35
50
mA
Includes XY_LED current
System Current, Mouse Not
Moving
IDD5N
15
30
mA
Includes XY_LED current
System Current, USB Suspend
Mode, Remote Wakeup Enabled
IDD5S
500
A
Includes XY_LED current and
D- pullup resistor.
Supply Current (Sensor only),
Mouse Moving
IDDS
4.5
8
mA
No load on SW, XY-LED, ZA, ZB,
D+, D-
Supply Current (Sensor only),
Mouse Not Moving
IDDSN
3.9
7.5
mA
No load on SW, XY-LED, ZA, ZB,
D+, D-
Sensor Supply Current,
USB Suspend Mode
IDDSS
320
A
No load on SW, XY-LED, ZA, ZB,
D+,D-
XY_LED Current
ILED
30
mA
XY_LED Output Low Voltage
VOL
1.1
V
Input Low Voltage
VIL
0.5
V
Pins: ZA, ZB
VIL max of 0.5 VDC is at VDDA5 min
of 4 V DC, with a typical of 0.8 VDC
at VDDA5 of 5 VDC
Input High Voltage
VIH
0.6*VDDA5
V
Pins: ZA, ZB


Similar Part No. - ADNS-2700

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
   Single Chip USB Optical Mouse Sensor
More results

Similar Description - ADNS-2700

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
   Single Chip USB Optical Mouse Sensor
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
   Single Chip USB Optical Mouse Sensor
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
   Single-chip USB/PS2 optical mouse
logo
Pixart Imaging Inc.
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com