Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z85C3010VEG Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z85C3010VEG
Description  CMOS SCC Serial Communications Controller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85C3010VEG Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z85C3010VEG Datasheet HTML 5Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 6Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 7Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 8Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 9Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 10Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 11Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 12Page - Zilog, Inc. Z85C3010VEG Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
PS011706-0511
Overview
CMOS SCC Serial Communications Controller
Product Specification
1
Overview
The features of Zilog’s Z80C30 and Z85C30 devices include:
Z85C30: optimized for nonmultiplexed bus microprocessors
Z80C30: optimized for multiplexed bus microprocessors
Pin-compatible to NMOS versions
Two independent 0 to 4.1Mbps, full-duplex channels, each with separate crystal oscil-
lator, Baud Rate Generator (BRG), and Digital Phase-Locked Loop (DPLL) for clock
recovery
Multiprotocol operation under program control; programmable for NRZ, NRZI or FM
data encoding
Asynchronous Mode with Five to Eight Bits and One, One and One-Half, or Two Stop
Bits Per Character, Programmable Clock Factor, Break Detection and Generation; Par-
ity, Overrun, and Framing Error Detection
Synchronous Mode with Internal or External Character Synchronization on One or
Two Synchronous Characters and CRC Generation and Checking with CRC-16 or
CRC-CCITT Preset to either 1s or 0s
SDLC/HDLC Mode with Comprehensive Frame-Level Control, Automatic Zero Inser-
tion and Deletion, I-Field Residue Handling, Abort Generation and Detection, CRC
Generation and Checking, and SDLC Loop
Software Interrupt Acknowledge Feature (not available with NMOS)
Local Loopback and Auto Echo Modes
Supports T1 Digital Trunk2
Enhanced DMA Support (not available with NMOS) 10 x 19-Bit Status FIFO 14-Bit
Byte Counter
Speeds
Z85C3O: 8.5, 10, 16.384MHz
Z80C3O: 8, 10MHz
Other Features for Z85C30 Only
Some of the features listed below are available by default. Some of them (features with *)
are disabled on default to maintain compatibility with the existing Serial Communications
Controller (SCC) design, and “program to enable through WR7”:


Similar Part No. - Z85C3010VEG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85C3010VEC ZILOG-Z85C3010VEC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
More results

Similar Description - Z85C3010VEG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
   CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
Z85C3016PSG ZILOG-Z85C3016PSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Zilog, Inc.
Z16C35 ZILOG-Z16C35 Datasheet
2Mb / 63P
   CMOS ISCC INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
NXP Semiconductors
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com