Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMV1505SC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NMV1505SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMV1505SC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NMV1505SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMV1505SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMV1505SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMV1505SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMV1505SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMV1505SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NMV 5V, 12V & 15V Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_NMV.G03 Page 1 of 6
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
mA
mA
%
mVp-p
%
pF
kHrs
NMV0505DAC
5
5
200
294
14.6
15
15
17
68
23
4241
DIP
NMV0509DAC
5
9
111
267
9.3
10
11.3
15
75
30
3376
NMV0512DAC
5
12
84
260
7.4
8.0
10.5
16
77
26
2555
NMV0515DAC
5
15
67
256
6.7
7.3
8.7
11
78
27
1838
NMV0505SAC
5
5
200
294
14.6
15
16
23
68
23
4241
SIP
NMV0509SAC
5
9
111
267
9.3
10
12
15
75
30
3376
NMV0512SAC
5
12
84
260
7.4
8.0
11
15
77
26
2555
NMV0515SAC
5
15
67
256
6.7
7.3
11
14
78
27
1838
NMV1205DAC
12
5
200
121
14.6
15
9.5
14
69
26
2664
DIP
NMV1209DAC
12
9
111
113
9.3
10
7
8.5
74
35
2295
NMV1212DAC
12
12
84
108
7.4
8.0
8
19
77
43
1883
NMV1215DAC
12
15
67
108
6.7
7.3
8
17
77
42
1462
NMV1205SAC
12
5
200
121
14.6
15
11
16
69
26
2664
SIP
NMV1209SAC
12
9
111
113
9.3
10
7.5
14
74
35
2295
NMV1212SAC
12
12
84
108
7.4
8.0
9
22
77
43
1883
NMV1215SAC
12
15
67
108
6.7
7.3
8.5
17
77
42
1462
NMV1505SAC
15
5
200
93
8.3
10
15.5
17
67
21
2747
NMV1512SAC
15
12
84
85
3.3
4.0
11.2
14
75
45
1365
NMV1515SAC
15
15
67
84
2.8
4.0
11
13
77
50
941
NMV0505DC
5
±5
±100
280
9.0
10
11
14
71.5
21
3106
DIP
NMV0509DC
5
±9
±55
263
7.5
8.5
7.5
9
76
24
2258
NMV0512DC
5
±12
±42
256
6.8
7.5
6.7
9
78
26
1579
NMV0515DC
5
±15
±33
253
6.8
8.5
6
9
79
27
1065
NMV0505SC
5
±5
±100
280
9.0
10
11
17
71.5
21
3106
SIP
NMV0509SC
5
±9
±55
263
7.5
8.5
7
9.4
76
24
2258
NMV0512SC
5
±12
±42
256
6.8
7.5
6.7
8
78
26
1579
NMV0515SC
5
±15
±33
253
6.8
8.5
6.3
8.2
79
27
1065
NMV1205DC
12
±5
±100
117
9.0
10
8.6
12
71
27
2148
DIP
NMV1209DC
12
±9
±55
113
7.5
8.5
6.5
9
74
35
1705
NMV1212DC
12
±12
±42
111
6.8
7.5
6.2
8.5
75
42
1287
NMV1215DC
12
±15
±33
110
6.8
8.5
5.5
8
76
41
924
NMV1205SC
12
±5
±100
117
9.0
10
10
13
71
27
2148
SIP
NMV1209SC
12
±9
±55
113
7.5
8.5
8
11
74
35
1705
NMV1212SC
12
±12
±42
111
6.8
7.5
6
10
75
42
1287
NMV1215SC
12
±15
±33
110
6.8
8.5
6.5
13
76
41
924
NMV1505SC
15
±5
±100
91
5.5
10
11
12
69
39
1941
NMV1512SC
15
±12
±42
87
2.6
3.0
7.5
9
75
68
789
NMV1515SC
15
±15
±33
84
2.3
3.0
7.5
9
77
84
522
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Reflected ripple current
20
40
mA p-p
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The NMV series of industrial temperature range
DC/DC converters are the standard buliding blocks
for on-board distributed power systems. They
are ideally suited for providing local supplies on
control system boards with the added benefit
of 3kVDC galvanic isolation to reduce switch-
ing noise. Available in SIP and DIP with dual and
single output pinout. All of the rated power may
be drawn from a single pin provided the total load
does not exceed 1 watt.
FEATURES
RoHS compliant
Efficiency to 79%
Power density up to 0.85W/cm3
Wide temperature performance at full
1 Watt load, –40°C to 85°C
Single or dual output
UL 94V-0 package material
No heatsink required
Footprint from 1.17cm2
Industry standard pinout
Power sharing on dual output
3kVDC isolation (1 minute)
5V, 12V, & 15V input
5V, 9V, 12V and 15V output
Internal SMD construction
Fully encapsulated with toroidal
magnetics
No external components required
MTTF up to 4.2 million hours
No electrolytic or tantalum capacitors


Similar Part No. - NMV1505SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMV1512SC MURATA-PS-NMV1512SC Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
NMV1515SAC MURATA-PS-NMV1515SAC Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
NMV1515SC MURATA-PS-NMV1515SC Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
NMV1515SC MURATA-PS-NMV1515SC Datasheet
1Mb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2023
NMV1515SC MURATA-PS-NMV1515SC Datasheet
1Mb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NMV1505SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com