Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV37X501C01 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # PV37X501C01
Description  Trimmer Potentiometers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37X501C01 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button PV37X501C01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PV37X501C01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
PVZ2/PVA2 Series Notice
Continued from the preceding page.
t3
t2
T3
T2
T5
T4
T1
Time (s)
t1
1. Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Series
PVZ2
PVA2
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T4)
°C
Time (t3)
sec.
Limit Profile
2
2
245±3
245±3
150 to 180
150 to 180
60 to 120
60 to 120
220
220
30 to 60
30 to 60
2
2
260
260 +5/-0
150 to 180
150 to 180
60 to 120
60 to 120
220
220
30 to 60
30 to 60
Limit Profile
Standard Profile
Standard Profile
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Series
PVZ2
PVA2
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
1
230
150
60 to 120
183
30
time (s)
Standard Profile
t1
T1
t2
T3
T2
2. Soldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to 1)
Standard Condition
Series
PVZ2
PVA2
Temperature of Soldering Iron Tip
Soldering Time
Soldering Iron Power Output
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
°C
sec.
W
Time
Reflow Soldering Profile
Soldering Iron
Peak
Temperature
(T3)
Peak
Temperature
(T5)
Peak
Temperature
(T3)
c Soldering Profile
c Notice (Handling)
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdriver below.
* Recommended screwdriver for manual adjustment
Murata P/N: KMDR190
2. The screwdriver should be set in the products
vertically, do not apply more than 4.9N (Ref. 500gf)
of twist and stress after mounting onto PCB to
prevent contact intermittence. If excessive force is
applied, the trimmer potentiometer may not function.
3. Please use within the effective rotational angle.
The trimmer potentiometer does not have a
mechanical stop for over rotation. In cases out of
effective rotational angle, the trimmer
potentiometer may not function.
4. When using a lock paint to fix the slot position or
cover the rotor, please evaluate performance with
your product. Lock paint may cause corrosion or
electrical contact problems.
R50E.pdf
Jul.23,2012
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - PV37X501C01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV37X501C01B00 MURATA-PV37X501C01B00 Datasheet
186Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PV37X501C01B00 MURATA1-PV37X501C01B00 Datasheet
229Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
PV37X501C01B00 MURATA1-PV37X501C01B00_V01 Datasheet
229Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
More results

Similar Description - PV37X501C01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K224E01B00 MURATA1-PVZ3K224E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com