Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLY10AN1421R4D2B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PLY10AN1421R4D2B
Description  AC Line Filters Hybrid Choke Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLY10AN1421R4D2B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PLY10AN1421R4D2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLY10AN1421R4D2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLY10AN1421R4D2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > AC Line Filters > Hybrid Choke Coils
2012.7.5
oThis data sheet is applied for AC Line Filters Hybrid Choke Coils used for General Electronics equipment for your design.
Continued from the preceding page.
PLY10 Series Sectional Winding Type
c Dimensions
18 max.
13±0.5
10±0.5
(in mm)
16 max.
ø0.9 max.
(4)
[(1)]
(3)
[(2)]
(4)
[(3)]
(1)
[(2)]
c Common Mode Insertion Loss-Frequency Characteristics
0.1
1
10
100
0
20
40
60
80
0.01
Frequency (MHz)
PLY10AN4420R8D2
PLY10AN8720R7D2
PLY10AN9720R6D2
PLY10AN1130R5D2
PLY10AN7012R0D2
PLY10AN1121R7D2
PLY10AN1421R4D2
PLY10AN2321R2D2
PLY10AN3521R0D2
c Differential Mode Insertion Loss-Frequency Characteristics
0.1
1
10
100
0
20
40
60
80
0.01
Frequency (MHz)
PLY10AN7012R0D2
PLY10AN1121R7D2
PLY10AN1421R4D2
PLY10AN2321R2D2
PLY10AN3521R0D2
PLY10AN4420R8D2
PLY10AN8720R7D2
PLY10AN9720R6D2
PLY10AN1130R5D2
c Rated Value (p: packaging code)
Part Number
Common Mode Inductance (min.)
Normal Mode Inductance (min.)
Rated Current
Rated Voltage
PLY10AN7012R0D2
p
0.7mH
50µH
2.0A
300Vac
PLY10AN1121R7D2
p
1.1mH
65µH
1.7A
300Vac
PLY10AN1421R4D2
p
1.4mH
110µH
1.4A
300Vac
PLY10AN2321R2D2
p
2.3mH
160µH
1.2A
300Vac
PLY10AN3521R0D2
p
3.5mH
240µH
1.0A
300Vac
PLY10AN4420R8D2
p
4.4mH
320µH
0.8A
300Vac
PLY10AN8720R7D2
p
8.7mH
500µH
0.7A
300Vac
PLY10AN9720R6D2
p
9.7mH
670µH
0.6A
300Vac
PLY10AN1130R5D2
p
11.0mH
840µH
0.5A
300Vac
Operating Temperature Range: -25°C to 60°C
Winding Temperature Rise (at Rated Current): 60°C (max.)
Continued on the following page.


Similar Part No. - PLY10AN1421R4D2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLY10AN1522R0A2B MURATA-PLY10AN1522R0A2B Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
PLY10AN1522R0A2M MURATA-PLY10AN1522R0A2M Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
PLY10AN1522R0B2B MURATA-PLY10AN1522R0B2B Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
PLY10AN1522R0B2M MURATA-PLY10AN1522R0B2M Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
PLY10AN1522R0D2B MURATA-PLY10AN1522R0D2B Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
More results

Similar Description - PLY10AN1421R4D2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Murata Manufacturing Co...
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Kemet Corporation
SS26V-R51170 KEMET-SS26V-R51170 Datasheet
304Kb / 5P
   AC Line Filters SS Coils, SS26V Type
logo
TDK Electronics
TF1028S TDK-TF1028S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB6821R2K1 TAIYO-YUDEN-TLF24HB6821R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC line
logo
XFMRS Inc.
XF0293A-VMCMC XFMRS-XF0293A-VMCMC Datasheet
56Kb / 2P
   AC LINE FILTERS
logo
Murata Manufacturing Co...
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
logo
TDK Electronics
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
logo
Kemet Corporation
SSB11V-R1390 KEMET-SSB11V-R1390 Datasheet
314Kb / 4P
   AC Line Filters SS Coils, SSB11V-R/11H-R Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com