Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA10AN5521R0R2B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PLA10AN5521R0R2B
Description  AC Line Filters Common Mode Choke Coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLA10AN5521R0R2B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PLA10AN5521R0R2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLA10AN5521R0R2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLA10AN5521R0R2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > AC Line Filters > Common Mode Choke Coil
2012.7.5
oThis data sheet is applied for AC Line Filters Common Mode Choke Coil used for General Electronics equipment for your design.
c Equivalent Circuit
(1)
(4)
(2)
(3)
N1
N2
N1 : N2 = 1 : 1
No polarity.
c Packaging
Code
Packaging
Minimum Quantity
M
Magazine
1800
B
Box
1260
PLA10 Series Sectional Winding Type
Continued from the preceding page.
c Dimension
(in mm)
16 max.
18 max.
13±0.5
10±0.5
ø0.9 max.
(1)
(4)
[(2)]
(4)
[(1)]
(3)
[(2)]
[(3)]
c Insertion Loss Characteristics (Main)
0.1
1
10
100
0
20
40
60
80
0.01
Frequency (MHz)
PLA10AN9012R0D2
PLA10AN1321R7D2
PLA10AN1821R5D2
PLA10AN2021R3D2
PLA10AN3621R0D2
PLA10AN7720R7D2
PLA10AN1330R5D2
PLA10AN2230R4D2
PLA10AN3630R3D2
c Rated Value (p: packaging code)
Part Number
Common Mode Inductance (min.)
Rated Current
Rated Voltage
Insulation Resistance (min.)
PLA10AN9012R0D2
p
0.9mH
2.0A
300V
100M ohm
PLA10AN1321R7D2
p
1.3mH
1.7A
300V
100M ohm
PLA10AN1821R5D2
p
1.8mH
1.5A
300V
100M ohm
PLA10AN2021R3D2
p
2.0mH
1.3A
300V
100M ohm
PLA10AN3621R0D2
p
3.6mH
1.0A
300V
100M ohm
PLA10AN7720R7D2
p
7.7mH
0.7A
300V
100M ohm
PLA10AN1330R5D2
p
13.0mH
0.5A
300V
100M ohm
PLA10AN2230R4D2
p
22.0mH
0.4A
300V
100M ohm
PLA10AN3630R3D2
p
36.0mH
0.3A
300V
100M ohm
Operating Temperature Range: -25°C to 60°C
Winding Temperature Rise (at Rated Current): 60°C (max.)
Continued on the following page.


Similar Part No. - PLA10AN5521R0R2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AN5521R0R2B MURATA-PLA10AN5521R0R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
More results

Similar Description - PLA10AN5521R0R2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Murata Manufacturing Co...
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
logo
Sumida Corporation
NFC1825 SUMIDA-NFC1825 Datasheet
207Kb / 2P
   AC Common Mode Choke Coil
LF2420B SUMIDA-LF2420B Datasheet
277Kb / 1P
   AC Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com